Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN78L18L Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SN78L18L
Description  3 Terminal Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78L18L Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SN78L18L Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78L18L Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
J
S
SN
SN
O
Jan. 2011 R
Marking De
Devic
Grad
Product
SN78Lxx
N78LxxL
N78LxxF
S
See
http
ORDERIN
REV. 01
etail Informat
ce Code
de & Year & W
Marking
78Lxx
78Lxx
78Lxx
eem
miiccoon
nd
du
u
p:// www.auk
NG INFO
TO-92
SOT-89
78Lx
GYWW
TO-92L
tion
Week Code
Packag
TO-92
TO-92L
SOT-89
ccttoorr
.co.kr
RMATIO
9
xx(①)
W (②)
KSD
ge
2
L
9
De
The
ove
shu
a w
regu
obta
prot
Ap
Fe
ON
E
St
C
D-I5B007-00
escription
e SN78Lxxx s
er 150mA outp
tdown and saf
wide range of a
ulators, the SN
ain adjustable
tect internal c
pplication
Consumer an
SMPS post-re
High-efficien
eatures an
Maximum Ou
Output Voltag
Built in OVP,
Built in TSD
No External C
Ultra High le
MM : 500V /
quivalent
tarting
Circuit
R
01
3 Term
n
series are three
put current wit
fe area protect
applications. A
N78Lxxx serie
voltages and
ircuit from ES
n
nd personal ele
egulator / dc-t
ncy linear pow
nd Benefit
utput Current
ge : 5, 6, 8, 9,
, Short Circuit
Protection.
Components R
vel of ESD [ B
/ HBM 5KV↑
t Circuit
Th
Pro
Reference
Voltage
Current
Source
S
minal Posit
e-terminal pos
th internal cur
tion. These re
Although they
es can be used
Currents. It a
SD damage.
ectronics
to-dc modules
wer supplies
ts
up to 150mA
10, 12, 15, 18
t Current Lim
Required.
Built in ESD P
hermal
otection
SN78
tive Voltage
sitive regulato
rrent limiting,
egulators are u
are just fixed
d with externa
also contains th
s
8, 24V
miting.
Protection Ce
SOA
Protecti
Error
Amp
Lxxx
e Regulator
ors providing
thermal
useful in
d voltage
al components
he TCE Cell t
ell ]
on
GND
2
VIN
1
3
VOUT
R2
R1
1
x
r
s to
to
D
T


Similar Part No. - SN78L18L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7805BDJ KODENSHI-SN7805BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805BPI KODENSHI-SN7805BPI Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805D KODENSHI-SN7805D Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7805PI KODENSHI-SN7805PI Datasheet
588Kb / 18P
   3 Terminal 1A Positive Voltage Regulator
SN7806BDJ KODENSHI-SN7806BDJ Datasheet
1Mb / 18P
   3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN78L18L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com