Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN78M15PI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SN78M15PI
Description  3 Terminal 0.5A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN78M15PI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SN78M15PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN78M15PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
KSD-I0O013-000
1
December, 2010 REV. 00
SN78Mxxx
3 Terminal 0.5A Positive Voltage Regulator
Marking Detail Information
[ TO-220F-3L & TO-253-3L PKG Marking ]
AUK Logo
Grade & M Code & Y/M/D Code
Device Code
Product
Marking
Package
SN78MxxD
SN78Mxx
TO-252-3L
SN78MxxPI
SN78Mxx
TO-220F-3L
Description
The SN78Mxxx series are three-terminal positive regulators providing
0.5A output current with internal current limiting, thermal
shutdown and safe area protection. These regulators are useful in
a wide range of applications. Although they are just fixed voltage
regulators, the SN78Mxxx series can be used with external components to
obtain adjustable voltages and Currents.
Application
Consumer and personal electronics
SMPS post-regulator / dc-to-dc modules
High-efficiency linear power supplies
Features and Benefits
Output Current up to 0.5A
Output Voltage : 5, 6, 8, 9, 10, 12, 15, 18, 24V
Built in OVP, CLP circuit.
Built in TSD Protection.
Output Transistor Safe Area Protection.
Ultra High level of ESD [ Built in ESD Protection Cell ]
MM : 500V / HBM 5KV↑
S
Seem
miiccoon
nd
du
uccttoorr
http:// www.auk.co.kr
ORDERING INFORMATION
Equivalent Circuit
TO-252-3L
TO-220F-3L
Thermal
Protection
Starting
Circuit
Reference
Voltage
Current
Source
SOA
Protection
Error
Amp
GND
2
VIN
1
3
VOUT
R2
R1
AUK(①)
G△YWD (②)
SN78Mxxx (③)


Similar Part No. - SN78M15PI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN78MCDCYR TI1-SN78MCDCYR Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - SN78M15PI

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com