Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN431AM Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SN431AM
Description  Programmable Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN431AM Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SN431AM Datasheet HTML 1Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 2Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 3Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 4Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 5Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 6Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 7Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 8Page - KODENSHI_AUK CORP. SN431AM Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KSD-I0A013-006
3
SN431/SNF431
◈ Absolute maximum ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Cathode to Anode voltage
VKA
37
V
Cathode current
IK
150
mA
Reference input current
Iref
10
mA
SOT-23
PD(Note1)
350
SOT-25
PD(Note1)
400
SOT-89
PD(Note1)
500
TO-92
PD(Note2)
625
Power Dissipation
TO-92M
PD(Note2)
400
mW
Junction Temperature
TJ
150
Operating temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +150
Note 1 : Mounted on a glass epoxy PCB board (25.4 × 25.4mm).TA=25℃
Note 2 : TA=25℃
◈ Recommended operating conditions
Rating
Characteristic
Symbol
Min.
Max.
Unit
Cathode to Anode voltage
VKA
Vref
36
V
Cathode current
IK
1
100
mA
◈ Electrical Characteristics (Ta=25 , unless otherwise noted.)
Characteristic
Symbol
Condition
Min. Typ. Max.
Unit
SN431B
2.482
2.508
Reference voltage (Fig.1)
Vref
VKA=Vref, IK=10mA
SN431A
2.470
2.495
2.520
V
Reference input voltage
deviation over temperature
(Fig.1, Note1,2)
ΔVref
VKA=Vref , IK=10mA
@ -40˚C ≤ Ta ≤ 85˚C
-
7
30
mV
ΔVref
Ratio of delta reference input
voltage to delta cathode
voltage (Fig.2)
ΔVKA
IK=10mA
Vref≤VKA≤36V
-
-1.0
-2.7
mV/V
Reference current (Fig.2)
Iref
IK=10mA, R1=10KΩ, R2=∞
-
1.8
4.0
μΑ
Reference input current
deviation over temperature
(Fig.2, Note 1,2)
ΔIref
IK=10mA, R1=10KΩ, R2=∞
@ -40˚C ≤ Ta ≤ 85˚C
-
0.4
2.5
μΑ
Minimum cathode current
for regulation
IK(MIN)
VKA=Vref
-
0.35
1.0
Off-state cathode current (Fig.3)
IK(off)
VKA=36V, Vref=0V
-
2.7
1000
nA
Dynamic impedance (Fig.1, Note3)
ZKA
VKA=Vref, f ≤ 1.0KHz
1.0mA ≤ IK ≤ 100mA
-
0.15
0.5
Ω


Similar Part No. - SN431AM

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN4000 KNIGHTSBRIDGE-SN4000 Datasheet
182Kb / 1P
   10AX 3G 2-way Switch
25/03/2024
SN400M KNIGHTSBRIDGE-SN400M Datasheet
232Kb / 1P
   40-400W (3-100W LED) Leading Edge Dimmer Module
21/03/2024
SN4100 KNIGHTSBRIDGE-SN4100 Datasheet
128Kb / 1P
   10AX 4G 2-way Switch
25/03/2024
logo
Burr-Brown (TI)
SN412008DRE4 BURR-BROWN-SN412008DRE4 Datasheet
307Kb / 12P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
SN412008DRE4 BURR-BROWN-SN412008DRE4 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - SN431AM

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com