Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFK30V4045 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFK30V4045
Description  X/Ku band internally matched power GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFK30V4045 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFK30V4045 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFK30V4045 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFK30V4045 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
< X/Ku band internally matched power GaAs FET >
MGFK30V4045
14.0 – 14.5 GHz BAND / 1.1W
Publication Date : Apr., 2011
2
MGFK30V4045 TYPICAL CHARACTERISTICS


Similar Part No. - MGFK30V4045

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFK30V4045 MITSUBISHI-MGFK30V4045 Datasheet
80Kb / 2P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET?
MGFK30V4045 MITSUBISHI-MGFK30V4045 Datasheet
251Kb / 3P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET
MGFK30V4045 MITSUBISHI-MGFK30V4045_05 Datasheet
251Kb / 3P
   14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFK30V4045

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFK35V4045 MITSUBISHI-MGFK35V4045_11 Datasheet
142Kb / 4P
   X/Ku band internally matched power GaAs FET
MGFK33V4045 MITSUBISHI-MGFK33V4045_11 Datasheet
138Kb / 4P
   X/Ku band internally matched power GaAs FET
MGFK38A3745 MITSUBISHI-MGFK38A3745_11 Datasheet
199Kb / 4P
   X/Ku band internally matched power GaAs FET
MGFK25V4045 MITSUBISHI-MGFK25V4045_11 Datasheet
121Kb / 3P
   X/Ku band internally matched power GaAs FET
MGFK37V4045 MITSUBISHI-MGFK37V4045_11 Datasheet
141Kb / 4P
   X/Ku band internally matched power GaAs FET
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
   X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
   X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
   X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
   X, Ku-Band Internally Matched FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com