Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7912D Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SN7912D
Description  3 Terminal 1A Negative Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7912D Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button SN7912D Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 9Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 10Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 11Page - KODENSHI_AUK CORP. SN7912D Datasheet HTML 12Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
KSD-I0O011-002
8
Jan. 2011 REV. 02
( VIN=-16V, CIN = 2.2uF, COUT = 1.0uF, IOUT = 500mA, TJ=0 ~125
℃℃
; unless otherwise specified )
Characteristic
Symbol
Test Condition*
SN7910x
Unit
Min.
Typ.
Max.
Output Voltage**
VO
TJ =25℃
-9.6
-10.0
-10.4
V
-12.0V ≤ VIN ≤ -28.0V
5.0mA ≤ IO ≤ 1.0A, PD ≤ 15W
-9.5
-10.0
-10.5
Line Regulation
VO(△VI)
-12.5V ≤ VIN ≤ -28.0V
TJ =25℃
-
12.0
200
mV
-14.0V ≤ VIN ≤ -20.0V
-
6.0
100
Load Regulation
VO(△IL)
5.0mA ≤ IO ≤ 1.5A
TJ =25℃
-
12.0
200
mV
250mA ≤ IO ≤ 750mA
-
4.0
100
Quiescent Current
IQC
TJ =25℃
-
3.0
6.0
mA
Quiescent Current Change
∆IQC
-12.5V ≤ VIN ≤ -28V
-
0.1
1.0
mA
5.0mA ≤ IO ≤ 1.0A
-
0.05
0.5
Ripple Rejection
RR
-13.0V ≤ VIN ≤ -23.0V
f=120Hz
54
60
-
dB
Dropout Voltage
VDROP
IO=1.0A
TJ =25℃
-
2.0
-
V
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
TA =25℃
-
58
-
uV/ VO
Short Circuit Current
ISC
VI =-35V
TA =25℃
-
300
-
mA
Peak Output Current
IPK
TJ =25℃
-
2.2
-
A
Temperature coefficient of
Output voltage
VO/
Temp
IO=5.0mA
-
-1.0
-
mV/
°C
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
◈ Electrical characteristics
SN79xxx


Similar Part No. - SN7912D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L05F KODENSHI-SN79L05F Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L05L KODENSHI-SN79L05L Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L06 KODENSHI-SN79L06 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
SN79L06F KODENSHI-SN79L06F Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
More results

Similar Description - SN7912D

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com