Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401RLRA Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N4401RLRA
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRA Datasheet(HTML) 4 Page - ON Semiconductor

  2N4401RLRA Datasheet HTML 1Page - ON Semiconductor 2N4401RLRA Datasheet HTML 2Page - ON Semiconductor 2N4401RLRA Datasheet HTML 3Page - ON Semiconductor 2N4401RLRA Datasheet HTML 4Page - ON Semiconductor 2N4401RLRA Datasheet HTML 5Page - ON Semiconductor 2N4401RLRA Datasheet HTML 6Page - ON Semiconductor 2N4401RLRA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N4401
http://onsemi.com
4
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
20
30
50
70
100
10
5.0
7.0
10
20
50
70
100
200
300
500
30
100
200
30
70
50
300
10
20
50
70
100
200
300
500
30
ts′ = ts - 1/8 tf
IB1 = IB2
IC/IB = 10 to 20
VCC = 30 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
6.0
8.0
10
0
4.0
2.0
0.1
2.0 5.0
10
20
50
1.0
0.5
0.2
0.01 0.02 0.05
100
Figure 9. Frequency Effects
f, FREQUENCY (kHz)
SMALL−SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C; Bandwidth = 1.0 Hz
IC = 1.0 mA, RS = 150 W
IC = 500 mA, RS = 200 W
IC = 100 mA, RS = 2.0 kW
IC = 50 mA, RS = 4.0 kW
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
100k
50
100 200
500 1.0k 2.0k
5.0k 10k
20k
50k
6.0
8.0
10
0
4.0
2.0
Figure 10. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
f = 1.0 kHz
IC = 50 mA
IC = 100 mA
IC = 500 mA
IC = 1.0 mA


Similar Part No. - 2N4401RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401RLRA ONSEMI-2N4401RLRA Datasheet
122Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 1
2N4401RLRA ONSEMI-2N4401RLRA Datasheet
131Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
2N4401RLRAG ONSEMI-2N4401RLRAG Datasheet
122Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 1
2N4401RLRAG ONSEMI-2N4401RLRAG Datasheet
131Kb / 7P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
More results

Similar Description - 2N4401RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com