Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6034 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6034
Description  Plastic Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6034 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6034 Datasheet HTML 1Page - ON Semiconductor 2N6034 Datasheet HTML 2Page - ON Semiconductor 2N6034 Datasheet HTML 3Page - ON Semiconductor 2N6034 Datasheet HTML 4Page - ON Semiconductor 2N6034 Datasheet HTML 5Page - ON Semiconductor 2N6034 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(PNP) 2N6034, 2N6035, 2N6036; (NPN) 2N6038, 2N6039
http://onsemi.com
3
Figure 1. Switching Times Test Circuit
4.0
0.04
Figure 2. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.6
0.2
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
0.4
0.8
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+8.0 V
V1
approx
-12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
-30 V
RC
TUT
≈ 8.0 k
≈ 60
SCOPE
for td and tr, D1 is disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
Figure 3. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
qJC(t) = r(t) qJC
qJC = 3.12°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02 0.03
0.3
3.0
30
300


Similar Part No. - 2N6034

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N6034 STMICROELECTRONICS-2N6034 Datasheet
174Kb / 4P
   MIDIUM POWER DAR;OMGTONS
January 1989
logo
ON Semiconductor
2N6034 ONSEMI-2N6034 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
Savantic, Inc.
2N6034 SAVANTIC-2N6034 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6034 ISC-2N6034 Datasheet
137Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N6034 NJSEMI-2N6034 Datasheet
133Kb / 1P
   COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
More results

Similar Description - 2N6034

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
   Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
   Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
   Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com