Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6387 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6387
Description  Plastic Medium-Power Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6387 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6387 Datasheet HTML 1Page - ON Semiconductor 2N6387 Datasheet HTML 2Page - ON Semiconductor 2N6387 Datasheet HTML 3Page - ON Semiconductor 2N6387 Datasheet HTML 4Page - ON Semiconductor 2N6387 Datasheet HTML 5Page - ON Semiconductor 2N6387 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 13
1
Publication Order Number:
2N6387/D
2N6387, 2N6388
2N6388 is a Preferred Device
Plastic Medium-Power
Silicon Transistors
These devices are designed for general-purpose amplifier and
low-speed switching applications.
Features
High DC Current Gain - hFE = 2500 (Typ) @ IC = 4.0 Adc
Collector-Emitter Sustaining Voltage - @ 100 mAdc
VCEO(sus) = 60 Vdc (Min) - 2N6387
= 80 Vdc (Min) - 2N6388
Low Collector-Emitter Saturation Voltage -
VCE(sat) = 2.0 Vdc (Max) @ IC
= 5.0 Adc - 2N6387, 2N6388
Monolithic Construction with Built-In Base-Emitter Shunt Resistors
TO-220AB Compact Package
Pb-Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
2N6387
2N6388
VCEO
60
80
Vdc
Collector-Base Voltage
2N6387
2N6388
VCB
60
80
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current - Continuous
- Peak
IC
10
15
Adc
Base Current
IB
250
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
65
0.52
W
W/
°C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
°C
Operating and Storage Junction,
Temperature Range
TJ, Tstg
-65 to +150
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction-to-Case
RqJC
1.92
_C/W
Thermal Resistance, Junction-to-Ambient
RqJA
62.5
_C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC Registered Data.
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DARLINGTON NPN SILICON
POWER TRANSISTORS
8 AND 10 AMPERES
65 WATTS, 60 - 80 VOLTS
TO-220AB
CASE 221A
STYLE 1
1
2
3
4
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
2N638x = Device Code
x = 7 or 8
G
= Pb-Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N638xG
AYWW
2N6388
TO-220AB
50 Units / Rail
2N6388G
TO-220AB
(Pb-Free)
50 Units / Rail
Device
Package
Shipping
2N6387
TO-220AB
50 Units / Rail
2N6387G
TO-220AB
(Pb-Free)
50 Units / Rail
ORDERING INFORMATION


Similar Part No. - 2N6387

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6387 MOSPEC-2N6387 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
logo
Savantic, Inc.
2N6387 SAVANTIC-2N6387 Datasheet
96Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
164Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Continental Device Indi...
2N6387 CDIL-2N6387 Datasheet
92Kb / 4P
   NPN PLASTIC MEDIUM DARLINGTON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6387 BOCA-2N6387 Datasheet
167Kb / 3P
   DARLINGTON SILICON POWER TRANSISTORS
More results

Similar Description - 2N6387

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com