Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC637G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC637G
Description  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC637G Datasheet(HTML) 1 Page - ON Semiconductor

  BC637G Datasheet HTML 1Page - ON Semiconductor BC637G Datasheet HTML 2Page - ON Semiconductor BC637G Datasheet HTML 3Page - ON Semiconductor BC637G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
February, 2011 − Rev. 1
1
Publication Order Number:
BC637/D
BC637, BC639, BC639-16
High Current Transistors
NPN Silicon
Features
These are Pb−Free Devices*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector - Emitter Voltage
BC637
BC639
VCEO
60
80
Vdc
Collector - Base Voltage
BC637
BC639
VCBO
60
80
Vdc
Emitter - Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
625
5.0
mW
mW/°C
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
800
12
mW
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
COLLECTOR
2
3
BASE
1
EMITTER
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 14
x
= 7 or 9
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
BC63
9−16
AYWW G
G
BC
63x
AYWW G
G


Similar Part No. - BC637G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC637G ONSEMI-BC637G Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

Similar Description - BC637G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com