Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC637G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC637G
Description  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC637G Datasheet(HTML) 3 Page - ON Semiconductor

  BC637G Datasheet HTML 1Page - ON Semiconductor BC637G Datasheet HTML 2Page - ON Semiconductor BC637G Datasheet HTML 3Page - ON Semiconductor BC637G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC637, BC639, BC639−16
http://onsemi.com
3
1000
1
2
5
10
20
50
100
200
500
100
1
2
3
4 5
7
10
20
30 40 50 70
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC635
BC637
BC639
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
1
3
5
10
30
50
100
300 500
1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = 2 V
500
300
100
50
20
1
10
100
1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current−Gain — Bandwidth Product
VCE = 2 V
1
0.8
0.6
0.4
0.2
0
1
10
100
1000
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 2 V
VCE(sat) @ IC/IB = 10
-0.2
-1.0
-2.2
-1.6
1
3
5
10
30
50
100
300 500
1000
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = 2 VOLTS
DT = 0°C to +100°C
qV for VBE


Similar Part No. - BC637G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC637G ONSEMI-BC637G Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

Similar Description - BC637G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
   High Current Transistors
June, 2000 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com