Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD242B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BD242B
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD242B Datasheet(HTML) 1 Page - ON Semiconductor

  BD242B Datasheet HTML 1Page - ON Semiconductor BD242B Datasheet HTML 2Page - ON Semiconductor BD242B Datasheet HTML 3Page - ON Semiconductor BD242B Datasheet HTML 4Page - ON Semiconductor BD242B Datasheet HTML 5Page - ON Semiconductor BD242B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 7
1
Publication Order Number:
BD241C/D
BD241C (NPN),
BD242B (PNP),
BD242C (PNP)
BD241C and BD242C are Preferred Devices
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
Collector-Emitter Saturation Voltage -
VCE = 1.2 Vdc (Max) @ IC = 3.0 Adc
Collector-Emitter Sustaining Voltage -
VCEO(sus) = 100 Vdc (Min) BD241C, BD242C
High Current Gain - Bandwidth Product
fT = 3.0 MHz (Min) @ IC = 500 mAdc
Compact TO-220 AB Package
Epoxy Meets UL94 V-0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
BD242B
BD241C
BD242C
Unit
Collector-Emitter Voltage
VCEO
80
100
Vdc
Collector-Emitter Voltage
VCES
90
115
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current
Continuous
Peak
IC
3.0
5.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @
TC = 25°C
Derate above 25
°C
PD
40
0.32
W
W/
°C
Operating and Storage
Junction Temperature Range
TJ, Tstg
–65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction-to-Ambient
RqJA
62.5
°C/W
Thermal Resistance, Junction-to-Case
RqJC
3.125
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BD241C
TO-220AB
TO-220AB
CASE 221A-09
STYLE 1
50 Units/Rail
3
1
POWER TRANSISTORS
COMPLEMENTARY
SILICON
3 AMP
80-100 VOLTS
40 WATTS
2
MARKING
DIAGRAM
BD24xx = Device Code
xx = 1C, 2B, or 2C
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb-Free Package
http://onsemi.com
BD242B
TO-220AB
50 Units/Rail
AYWW
BD24xxG
BD242C
TO-220AB
50 Units/Rail
BD241CG
TO-220AB
(Pb-Free)
50 Units/Rail
BD242BG
TO-220AB
(Pb-Free)
50 Units/Rail
BD242CG
TO-220AB
(Pb-Free)
50 Units/Rail
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - BD242B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Motorola, Inc
BD242B MOTOROLA-BD242B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
More results

Similar Description - BD242B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com