Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1500 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SK1500
Description  1:5 Signal Distribution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1500 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SK1500 Datasheet HTML 5Page - Semtech Corporation SK1500 Datasheet HTML 6Page - Semtech Corporation SK1500 Datasheet HTML 7Page - Semtech Corporation SK1500 Datasheet HTML 8Page - Semtech Corporation SK1500 Datasheet HTML 9Page - Semtech Corporation SK1500 Datasheet HTML 10Page - Semtech Corporation SK1500 Datasheet HTML 11Page - Semtech Corporation SK1500 Datasheet HTML 12Page - Semtech Corporation SK1500 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
www.semtech.com
HIGH-PER.ORMANCE PRODUCTS
Revision 1/ January 23, 2001
PRELIMINARY
AC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
ti
n
U
s
t
u
p
n
I
h
g
i
H
t
u
p
n
I
w
o
L
t
u
p
n
I
H
I
V
L
I
V
0
.
2
+
E
E
V
E
E
V
C
C
V
2
.-
C
C
V
V
V
-
N
I(,
*
N
I-
K
L
C)
*
L
E
S
-
L
E
S
,
*
K
L
C
e
g
a
tl
o
V
t
u
p
n
I
l
a
it
n
e
r
e
ff
i
D|
*
t
u
p
n
I-
t
u
p
n
I
|2
.3
.
4V
)
*
K
L
C
/
K
L
C
(
s
t
u
p
n
I
g
n
i
m
i
T
t
n
e
rr
u
C
h
g
i
H
t
u
p
n
I
t
n
e
rr
u
C
w
o
L
t
u
p
n
I
H
II
L
II
1
+
1
-
5
2
+
1
+
A
µ
A
µ
)
*
L
E
S
/
L
E
S
,
*
N
I
/
N
I(
s
t
u
p
n
I
l
a
n
o
it
c
n
u
.
t
n
e
rr
u
C
t
u
p
n
IL
II
,
H
II0
2
4
-0
5
2
+A
µ
s
t
u
p
t
u
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
ti
g
i
D
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
t
u
O
|
*
T
U
O
-
T
U
O
|
2
/
)
*
T
U
O
+
T
U
O
(
2
.
1
1
.
2
-
C
C
V
4
.
1
-
C
C
V9
.
1-
C
C
V7
.
1
V
V
yl
p
p
u
S
r
e
w
o
P
t
n
e
rr
u
C
yl
p
p
u
S
r
e
w
o
P
e
g
a
tl
o
V
yl
p
p
u
S
r
e
w
o
P
E
E
I
E
E
V
-
C
C
V2
.
4
5
90
2
1
5
.
5
A
m
V
Test Conditions: Outputs terminated with 50
Ω to VCC – 3V.
Note 1:
Guaranteed by characterization. Not production tested.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
ti
n
U
n
o
it
p
O
e
c
n
a
m
r
o
f
r
e
P
h
g
i
H
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
0
=
L
E
S
(
T
U
O
o
t
K
L
C
)
1
=
L
E
S
(
T
U
O
o
t
K
L
C
T
U
O
o
t
L
E
S
d
p
T
d
p
T
d
p
T
0
9
4
0
4
3
0
3
3
0
9
5
0
4
4
0
3
4
0
9
6
0
4
5
0
3
5
s
p
s
p
s
p
w
e
k
S
l
e
n
n
a
h
C
o
t
l
e
n
n
a
h
C
0
2
<s
p
)
1
e
t
o
N
(
y
c
n
e
u
q
e
r
.
g
n
it
a
r
e
p
O
m
u
m
i
x
a
Mx
a
m
.0
.
2z
H
G
)
1
e
t
o
N
(
h
t
d
i
W
e
s
l
u
P
m
u
m
i
n
i
Mn
i
m
W
P0
5
2s
p
)
1
e
t
o
N
(
K
L
C
o
t
N
I
e
m
i
T
p
U
t
e
S
e
m
i
T
d
l
o
H
u
s
T
h
T
0
0
1
0
0
1
s
p
s
p
)
%
0
8
/
%
0
2
(
s
e
m
i
T
ll
a
.
d
n
a
e
s
i
R
t
u
p
t
u
Of
T
/
r
T0
0
20
5
2s
p
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
/
d
p
T
∆T
1
</
s
p
oC
SK1501
1:5 Signal Distribution
DC Characteristics


Similar Part No. - SK1500

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SK150 CHENG-YI-SK150 Datasheet
105Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SK150GB066T SEMIKRON-SK150GB066T Datasheet
794Kb / 5P
   IGBT Module
SK150GD066T SEMIKRON-SK150GD066T Datasheet
306Kb / 2P
   3-phase bridge inverter
SK150GD066T SEMIKRON-SK150GD066T Datasheet
814Kb / 5P
   IGBT Module
SK150GD066T SEMIKRON-SK150GD066T Datasheet
854Kb / 5P
   IGBT Module
More results

Similar Description - SK1500

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1900 SEMTECH-SK1900 Datasheet
929Kb / 30P
   1:9 Signal Distribution?
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com