Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1528 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SK1528
Description  1:5 Signal Distribution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1528 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SK1528 Datasheet HTML 6Page - Semtech Corporation SK1528 Datasheet HTML 7Page - Semtech Corporation SK1528 Datasheet HTML 8Page - Semtech Corporation SK1528 Datasheet HTML 9Page - Semtech Corporation SK1528 Datasheet HTML 10Page - Semtech Corporation SK1528 Datasheet HTML 11Page - Semtech Corporation SK1528 Datasheet HTML 12Page - Semtech Corporation SK1528 Datasheet HTML 13Page - Semtech Corporation SK1528 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Revision 1/ January 23, 2001
HIGH-PER.ORMANCE PRODUCTS
10
www.semtech.com
PRELIMINARY
The SK1502 is an extremely fast, stable, and accurate
low skew 1:5 clock / signal distributor featuring a
synchronous enable, which allows the outputs to be
turned off and on without the risk of an unpredictable
output pulse.
The
D - flip-flop is triggered on the
falling edge of the clock.
The SK1502 uses 50
Ω outputs with source /sink
capability, and is optimized for applications that require:
• Point to point, double terminated, timing
critical lines
Description
.eatures
Pin Description
Package Information
.unctional Block Diagram
1:5 Clock/Data Driver
3 GHz Fmax
3.3V / 5.2V Compatible
IN
IN*
CLK
CLK*
SEL*
SEL
OUT0
OUT0*
D
D*
Q
Q*
OUT1
OUT1*
OUT2
OUT2*
OUT3
OUT3*
OUT4
OUT4*
0
1
VEE
SEL
SEL*
CLK
CLK*
IN
IN*
VCC
VCC
N/C
N/C
OUT2
OUT2*
N/C
N/C
VEE
32 pin, 5 mm x 5 mm
TQFP Package
Output Options
50
Ω Source / Sink
Output Swing
OUT
VCC
OUT
VEE
VEE
*
50Ω
50Ω
4 mA
4 mA
VCC
VEE
1.3V
3.3V
or
5.2V
350 mV
At destination
(double termination)
SK1502
1:5 Signal Distribution


Similar Part No. - SK1528

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK152 MCC-SK152 Datasheet
94Kb / 3P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK152 MCC-SK152 Datasheet
221Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK152 MCC-SK152 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Applications
logo
List of Unclassifed Man...
SK152 ETC2-SK152 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK152 MCC-SK152 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK1528

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1900 SEMTECH-SK1900 Datasheet
929Kb / 30P
   1:9 Signal Distribution?
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com