Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM24 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SM24
Description  TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM24 Datasheet(HTML) 5 Page - Semtech Corporation

  SM24 Datasheet HTML 1Page - Semtech Corporation SM24 Datasheet HTML 2Page - Semtech Corporation SM24 Datasheet HTML 3Page - Semtech Corporation SM24 Datasheet HTML 4Page - Semtech Corporation SM24 Datasheet HTML 5Page - Semtech Corporation SM24 Datasheet HTML 6Page - Semtech Corporation SM24 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SM05 THRU SM36
Applications Information
Device Schematic & Pin Configuration
Device Connection Options
The SM series is designed to protect one bidirectional
or two unidirectional data or I/O lines operating at 5 to
36 volts. Connection options are as follows:
l
Bidirectional: Pin 1 is connected to the data line
and pin 2 is connected to ground (Since the device
is symmetrical, these connections may be re-
versed). For best results, the ground connection
should be made directly to a ground plane on the
board. The path length should be kept as short as
possible to minimize parasitic inductance. Pin 3 is
not connected.
l
Unidirectional: Data lines are connected to pin 1
and pin 2. Pin 3 is connected to ground. For best
results, this pin should be connected directly to a
ground plane on the board. The path length should
be kept as short as possible to minimize parasitic
inductance.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended (Refer to application note
SI99-01 for more detailed information):
l
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
l
Minimize the path length between the TVS and the
protected line.
l
Minimize all conductive loops including power and
ground loops.
l
The ESD transient return path to ground should be
kept as short as possible.
l
Never run critical signals near board edges.
l
Use ground planes whenever possible.
RS-232 Transceiver Protection Example


Similar Part No. - SM24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM24 MCC-SM24 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM24 UMW-SM24 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM24 MICROSEMI-SM24 Datasheet
138Kb / 2P
   TVSarray Series
logo
Semtech Corporation
SM24 SEMTECH-SM24 Datasheet
161Kb / 7P
   TVS Diode Array
logo
MIC GROUP RECTIFIERS
SM24 MIC-SM24 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM24

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
logo
Yea Shin Technology Co....
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
   TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM12 BILIN-SM12 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com