Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1930 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SK1930
Description  1:9 Signal Distribution?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1930 Datasheet(HTML) 5 Page - Semtech Corporation

  SK1930 Datasheet HTML 1Page - Semtech Corporation SK1930 Datasheet HTML 2Page - Semtech Corporation SK1930 Datasheet HTML 3Page - Semtech Corporation SK1930 Datasheet HTML 4Page - Semtech Corporation SK1930 Datasheet HTML 5Page - Semtech Corporation SK1930 Datasheet HTML 6Page - Semtech Corporation SK1930 Datasheet HTML 7Page - Semtech Corporation SK1930 Datasheet HTML 8Page - Semtech Corporation SK1930 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
www.semtech.com
HIGH-PER.ORMANCE PRODUCTS
Revision 1/January 23, 2001
PRELIMINARY
SK19XX .amily
1:9 Signal Distribution
lo
b
m
y
Sre
t
e
m
a
ra
P
e
ul
a
Vti
n
U
V E
E
V(
yl
p
p
u
S
re
w
o
P
C
C
)V
0
=-
0
ot
0
.
6V
V C
C
V(
yl
p
p
u
S
re
w
o
P
E
E
)V
0
=0
ot
0
.
6V
VI
V(
e
g
at
lo
V
tu
p
nI
C
C
V
,V
0
=
I
V
n
a
ht
e
vi
ta
g
e
n
er
o
m
to
n
E
E )0
ot
0
.
6-V
VI
V(
e
g
at
lo
V
tu
p
nI
E
V
,V
0
=
I
V
n
a
ht
e
vi
ti
s
o
p
er
o
m
to
n
C
C )0
ot
0
.
6V
I T
U
O
tn
er
ru
C
tu
pt
u
O
s
u
o
u
ni
tn
o
C
e
gr
u
S
0
5
0
0
1
A
m
A
m
TA
e
g
n
a
R
er
ut
ar
e
p
m
e
T
g
ni
ta
re
p
O
0
7
+
ot
0
oC
T gt
s
er
ut
ar
e
p
m
e
T
e
g
ar
ot
S
0
5
1
+
ot
5
6-
oC
T lo
s
5
4
2
:s
d
n
o
c
e
s
3
ot
2
<
(
er
ut
ar
e
p
m
e
T
re
dl
o
S
oC)d
er
is
e
d5
6
2
oC
* Maximum Ratings are those values beyond which damage to the device may occur.
Absolute Maximum Ratings*
Absolute Maximum Ratings*


Similar Part No. - SK1930

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK19 MOSPEC-SK19 Datasheet
217Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
EIC discrete Semiconduc...
SK19 EIC-SK19 Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SK19 SURGE-SK19 Datasheet
71Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
logo
Gaomi Xinghe Electronic...
SK19 GXELECTRONICS-SK19 Datasheet
1Mb / 3P
   Suface Mount Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SK19 EIC-SK19 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK1930

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1500 SEMTECH-SK1500 Datasheet
721Kb / 30P
   1:5 Signal Distribution
logo
Motorola, Inc
MPC947 MOTOROLA-MPC947 Datasheet
97Kb / 6P
   LOW VOLTAGE 1:9 CLOCK DISTRIBUTION CHIP
logo
Cypress Semiconductor
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Cypress Semiconductor
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
DAICO Industries, Inc.
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
   Output Signal Distribution Unit
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
   Clock signal division and distribution
8V79S674 IDT-8V79S674 Datasheet
420Kb / 21P
   Clock signal division and distribution
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com