Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ1085L-XX-TQ2-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UZ1085L-XX-TQ2-T
Description  3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1085L-XX-TQ2-T Datasheet(HTML) 6 Page - Unisonic Technologies

  UZ1085L-XX-TQ2-T Datasheet HTML 1Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 2Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 3Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 4Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 5Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 6Page - Unisonic Technologies UZ1085L-XX-TQ2-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UZ1085
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-013,G
TYPICAL CHARACTERISTICS
1.4
1.3
1.5
0.5
0.5
0
2.5
1.2
1.1
2
1.5
1
1.0
0.9
0.8
0.7
0.6
3.0
Output Current (A)
Figure 2. Dropout Voltage vs.Output
Current
T=25°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-75 -50 -25 0 25 50 75 100 125 150 175
Junction Temperature (°C)
Figure 3. Load Regulation vs.
Temperature
ΔI=3A
10
0
15
0
50
0
2
3
4
1
0
0
6
4
2
8
10
12
14
Figure 1. Absolute Maximum Sate
Operating Area
VIN-VOUT (V)
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
-75 -50 -25 0
25 50 75 100 125 150 175
Figure 4. Reference Voltage vs.
Temperature
Junction Temperature (°C)
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
-75 -50 -25 0
25
50 75 100 125 150 175
Junction Temperature (°C)
Figure 5. Output Voltage
vs.Temperature
VOUT Set With 1% Resistors
VOUT=3.6V
VOUT=3.3V
UZ1085-3.3
UZ1085-ADJ
5
4
3
2
1
-75 -50 -25 0
25
50 75 100 125 150 175
Figure 6. Minimum Load Current
vs.Temperature
0
Junction Temperature (°C)


Similar Part No. - UZ1085L-XX-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1085L-XX-TQ2-T UTC-UZ1085L-XX-TQ2-T Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085L-XX-TQ2-T UTC-UZ1085L-XX-TQ2-T Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1085L-XX-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com