Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ1085G-XX-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UZ1085G-XX-TA3-T
Description  3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1085G-XX-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UZ1085G-XX-TA3-T Datasheet HTML 1Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 2Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 3Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 4Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 5Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 6Page - Unisonic Technologies UZ1085G-XX-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UZ1085
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-013,G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
18
V
(VIN - VOUT) ×IOUT
See Figure 1
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-252
118
°C/W
TO-220
62
°C/W
Junction to Ambient
TO-263
θJA
62
°C/W
TO-252
12
°C/W
TO-220
4
°C/W
Junction to Case
TO-263
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, COUT=22μF, unless otherwise specified.)
For UZ1085-ADJ (Adjustable)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
1.5V≤(VIN - VOUT) ≤8.25V
10mA≤IOUT≤3A
1.225
1.25
1.275
V
Line Regulation
VOUT
(VOUT +1.5V) ≤VIN≤12V,
IOUT=10mA
0.005
0.2
%
Load Regulation
VOUT (VIN - VOUT)=3V, 10mA≤IOUT≤3A
0.05
0.5
%
Dropout Voltage
VD
VREF%=1%, lOUT=3A
1.30
1.40
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
3.1
4
A
Adjust Pin Current
Iadj
35
120
μA
Adjust Pin Current Change
Iadj
1.5V≤ (VIN - VOUT) ≤12V
10mA≤IOUT≤3A
0.2
5
μA
Minimum Load Current
IO(MIN)
1.5V≤ (VIN-VOUT) ≤12V
10
mA
Quiescent Current
IQ
VIN=12V
4
13
mA
Ripple Rejection
RR
f=120Hz,Tantalum,(VIN–VOUT)=3V
IOUT=3A
60
72
dB
Thermal Regulation
Ta=25°C,30ms pulse
0.004
0.02
%/W
Temperature Stability
ΔVOUT
0.5
%
Long-Term Stability
ΔVOUT Ta=125°C, 1000hr
0.03
1.0
%
Output Noise(% of VOUT)
eN
Ta=25°C,10Hz≤f≤10kHz
0.003
%
Thermal Shutdown
150
°C


Similar Part No. - UZ1085G-XX-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1085G-XX-TA3-T UTC-UZ1085G-XX-TA3-T Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085G-XX-TA3-T UTC-UZ1085G-XX-TA3-T Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1085G-XX-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com