Electronic Components Datasheet Search |
|
UZ1084 Datasheet(PDF) 3 Page - Unisonic Technologies |
|
UZ1084 Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 6 page UZ1084 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R102-010,J ABSOLUTE MAXIMUM RATINGS (Ta=25°С) PARAMETER SYMBOL RATINGS UNIT DC Input Voltage VIN 15 V Operating Junction Temperature TJ 0 ~ +125 °С Storage Temperature Range TSTG -65 ~ 150 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT TO-252 112 °C/W TO-220 54 °C/W Junction to Ambient TO-263/TO-263-3 θJA 64 °C/W TO-252 12 °C/W TO-220 4 °C/W Junction to Case TO-263/TO-263-3 θJC 4 °C/W ELECTRICAL CHARACTERISTICS For UZ1084-Adjustable (Operating Conditions: 4.75≤VIN≤5.25, TJ =25°С unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Reference Voltage VREF IOUT=10mA 1.23 1.25 1.27 V Line Regulation ΔVOUT lOUT=10mA 0.5 2 % Load Regulation ΔVOUT 10mA≤lOUT≤ 5A 0.5 2.5 % Dropout Voltage VD V △ REF%=2%, lo=5A 1.5 V Current Limit ILIMIT (VIN-VOUT)=2V 5.5 6.5 A Adjust Pin Current Iadj 35 100 μA Adjust Pin Current Change ΔIadj 1.5V≤(VIN-VOUT)≤ 5.75V, 10mA≤lOUT≤5A 5 μA Minimum Load Current IO(min) 1.5V≤(VIN-VOUT)≤5.75V 5 10 mA Thermal shutdown 150 °C For UZ1084-xx (Fixed Voltage) (Operating Conditions: 1.5V≤ (VIN-VOUT) ≤5.75V,TJ=25°С unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP MAX UNIT 1% 1.485 1.5 1.515 V UZ1084-15 lOUT=10mA 2% 1.470 1.5 1.530 V 1% 1.782 1.8 1.818 V UZ1084-18 lOUT=10mA 2% 1.764 1.8 1.836 V 1% 2.475 2.5 2.525 V UZ1084-25 lOUT=10mA 2% 2.450 2.5 2.550 V 1% 3.267 3.3 3.333 V UZ1084-33 lOUT=10mA 2% 3.234 3.3 3.366 V 1% 4.950 5.0 5.050 V Output Voltage VOUT UZ1084-50 lOUT=10mA 2% 4.900 5.0 5.100 V Line Regulation ΔVOUT IOUT=10mA 0.5 2 % Load Regulation ΔVOUT 10mA≤lOUT≤5A 0.5 2.5 % Dropout Voltage VD V △ REF%=2%, lOUT=5A 1.5 V Current Limit ILIMIT (VIN-VOUT)=2V 5.5 6.5 A Minimum Load Current ΔIadj 1.5V≤ (VIN-VOUT) ≤5.75V 5 10 mA Quiescent Current IQ VIN=12V 10 13 mA Thermal shutdown 150 °C |
Similar Part No. - UZ1084 |
|
Similar Description - UZ1084 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |