Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR05 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SR05
Description  RailClamp Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SR05 Datasheet(HTML) 3 Page - Semtech Corporation

  SR05 Datasheet HTML 1Page - Semtech Corporation SR05 Datasheet HTML 2Page - Semtech Corporation SR05 Datasheet HTML 3Page - Semtech Corporation SR05 Datasheet HTML 4Page - Semtech Corporation SR05 Datasheet HTML 5Page - Semtech Corporation SR05 Datasheet HTML 6Page - Semtech Corporation SR05 Datasheet HTML 7Page - Semtech Corporation SR05 Datasheet HTML 8Page - Semtech Corporation SR05 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SR05
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
µµµµs)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (
µµµµs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8
µs
td = 20
µs
Pulse Waveform
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Forward Current - IF (A)
Waveform
Parameters:
tr = 8
µs
td = 20
µs
Forward Voltage vs. Forward Current
Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Forward Current - IF (A)
Waveform
Parameters:
tr = 8
µs
td = 20
µs
-16
-14
-12
-10
-8
-6
-4
-2
0
01
234
56
Reverse Voltage (V)
I/O to GND
f = 1MHz


Similar Part No. - SR05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SR05 SEMTECH-SR05 Datasheet
203Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SR05 LEIDITECH-SR05 Datasheet
238Kb / 3P
   USB 2.0 power and data line
logo
FutureWafer Tech Co.,Lt...
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
   Low Capacitance ESD array
logo
Littelfuse
SR05 LITTELFUSE-SR05 Datasheet
812Kb / 4P
   SR05 Series 5V 25A Diode Array
2017 Littelfuse, Inc.
More results

Similar Description - SR05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA70-4 SEMTECH-SRDA70-4 Datasheet
219Kb / 6P
   RailClamp Low Capacitance TVS Diode Array?
logo
Samtec, Inc
SRDA05-4.TBT SAMTEC-SRDA05-4.TBT Datasheet
227Kb / 11P
   RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
SRV05-4ATCT SAMTEC-SRV05-4ATCT Datasheet
220Kb / 11P
   RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
logo
Semtech Corporation
SRDA33-6 SEMTECH-SRDA33-6 Datasheet
235Kb / 10P
   SRDA3.3-6 & SRDA05-6 RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
SRDA33-4 SEMTECH-SRDA33-4 Datasheet
256Kb / 10P
   SRDA3.3-4 THRU SRDA12-4 RAILCLAMP LOW CAPACITANCE TVS DIODE ARRAY
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com