Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD13007P Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STD13007P
Description  SWITCHING REGULATOR APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD13007P Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STD13007P Datasheet HTML 1Page - KODENSHI_AUK CORP. STD13007P Datasheet HTML 2Page - KODENSHI_AUK CORP. STD13007P Datasheet HTML 3Page - KODENSHI_AUK CORP. STD13007P Datasheet HTML 4Page - KODENSHI_AUK CORP. STD13007P Datasheet HTML 5Page - KODENSHI_AUK CORP. STD13007P Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-T0P020-001
1
STD13007P
NPN Silicon Power Transistor
PIN Connection
B C E
SWITCHING REGULATOR APPLICATIONS
Features
• High speed switching
• High Collector Voltage : VCBO = 700V
• Suitable for Switching Regulator and Motor Control
Ordering Information
Type NO.
Marking
Package Code
STD13007P
STD13007
TO-220AB
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-Base voltage
VCBO
700
V
Collector-Emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
9
V
Collector current (DC)
IC
8
A
Collector current (Pulse)
ICM
16
A
Base current (DC)
IB
4
A
Collector Power dissipation (Tc=25℃)
PC
87
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
1.43
Thermal
resistance
Junction-ambient
Rth(J-a)
-
88
/W
C
E
B


Similar Part No. - STD13007P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STD13007 KODENSHI-STD13007 Datasheet
299Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
logo
AUK corp
STD13007F AUK-STD13007F Datasheet
310Kb / 5P
   NPN Silicon Power Transistor
logo
KODENSHI_AUK CORP.
STD13007F KODENSHI-STD13007F Datasheet
271Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
logo
AUK corp
STD13007FC AUK-STD13007FC Datasheet
332Kb / 5P
   NPN Silicon Power Transistor
logo
KODENSHI_AUK CORP.
STD13007FC KODENSHI-STD13007FC Datasheet
271Kb / 6P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - STD13007P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com