Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA01L8693MA Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RA01L8693MA
Description  865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA01L8693MA Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button RA01L8693MA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 10Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 11Page - Mitsubishi Electric Semiconductor RA01L8693MA Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA01L8693MA
RA01L8693MA
22 Jun 2010
9/12
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
The recommended method to control the output power is by the input power (Pin).
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and drain,
a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50
c) Is the source impedance ZG=50
ATTENTION:
1.High Temperature; This product might have a heat generation while operation,Please take notice that have a
possibility to receive a burn to touch the operating product directly or touch the product until cold after switch off.
At the near the product,do not place the combustible material that have possibilities to arise the fire.
2. Generation of High Frequency Power; This product generate a high frequency power. Please take notice that do
not leakage the unnecessary electric wave and use this products without cause damage for human and property per
normal operation.
3. Before use; Before use the product,Please design the equipment in consideration of the risk for human and
electric wave obstacle for equipment.
PRECAUTION FOR THE USE OF MITSUBISHI SILICON RF POWER AMPLIFIER DEVICES:
1.The specifications of mention are not guarantee values in this data sheet. Please confirm additional details
regarding operation of these products from the formal specification sheet. For copies of the formal specification
sheets, please contact one of our sales offices.
2.RA series products (RF power amplifier modules) are designed for consumer mobile communication terminals and
were not specifically designed for use in other applications. In particular, while these products are highly reliable
for their designed purpose, they are not manufactured under a quality assurance testing protocol that is sufficient
to guarantee the level of reliability typically deemed necessary for critical communications elements. Examples of
critical communications elements would include transmitters for base station applications and fixed station
applications that operate with long term continuous transmission and a higher on-off frequency during transmitting,
especially for systems that may have a high impact to society.
3.RA series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore
appropriate ESD precautions are required.
4.In order to maximize reliability of the equipment, it is better to keep the devices temperature low.
It is
recommended to utilize a sufficient sized heat-sink in conjunction with other cooling methods as needed (fan, etc.)
to keep the case temperature for RA series products lower than 60deg/C under standard conditions, and less than
90deg/C under extreme conditions.
5.RA series products are designed to operate into a nominal load impedance of 50 ohms. Under the condition of
operating into a severe high load VSWR approaching an open or short, an over load condition could occur. In the
worst case there is risk for burn out of the transistors and burning of other parts including the substrate in the
module.
6.The formal specification includes a guarantee against parasitic oscillation under a specified maximum load
mismatch condition. The inspection for parasitic oscillation is performed on a sample basis on our manufacturing
line. It is recommended that verification of no parasitic oscillation be performed at the completed equipment level
also.
7.For specific precautions regarding assembly of these products into the equipment, please refer to the
supplementary items in the specification sheet.
8.Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified in any
way from it’s original form.
9.For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last page of
this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RA01L8693MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA01L8693MA MITSUBISHI-RA01L8693MA Datasheet
185Kb / 13P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L8693MA-101 MITSUBISHI-RA01L8693MA-101 Datasheet
185Kb / 13P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
More results

Similar Description - RA01L8693MA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA01L8693MA MITSUBISHI-RA01L8693MA Datasheet
185Kb / 13P
   865-928MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M_10 Datasheet
549Kb / 13P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M Datasheet
447Kb / 14P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
   Smartcard manager for reader and writer
logo
Texas Instruments
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Mitsubishi Electric Sem...
RA05H8693M MITSUBISHI-RA05H8693M_10 Datasheet
113Kb / 9P
   866-928MHz 5W 14V, 3 Stage Amp.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com