Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA05H9595M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA05H9595M
Description  952-954MHz 5W 14V, 3 Stage Amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA05H9595M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA05H9595M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA05H9595M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA05H9595M
RA05H9595M
22 Jun 2010
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<14V, Pin=0mW
6
V
Pin
Input Power
4
mW
Pout
Output Power
7
W
Tcase(OP)
Operation Case Temperature Range
f=952-954MHz, VGG<5V
ZG=ZL=50Ω
-30 to +70
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
952
-
954
MHz
Pout
Output Power
VDD=14V, VGG=5V, Pin=1mW
5
-
-
W
IT
Total Current
-
-
1.4
A
ρ
in
Input VSWR
-
-
3:1
2fo
2
nd Harmonic
-
-
-25
dBc
3fo
3
nd Harmonic
VDD=14V, Pout=3W(VGG control)
Pin=1mW,f=953MHz,Zg=Zl=50 ohm
-
-
-30
dBc
Stability
VDD=10.0-15.2V, Pin=0.5-2mW,Pout<5W (VGG control),
Load VSWR=3:1, f=952-954MHz
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=1mW, Pout=5W (VGG control),
Load VSWR=20:1, f=952-954MHz
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA05H9595M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H9595M MITSUBISHI-RA05H9595M Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
RA05H9595M-101 MITSUBISHI-RA05H9595M-101 Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
More results

Similar Description - RA05H9595M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA05H9595M MITSUBISHI-RA05H9595M Datasheet
141Kb / 7P
   RF MOSFET MODULE 952-954MHz 5W 14V, 3 Stage Amp.
RA03M9595M MITSUBISHI-RA03M9595M Datasheet
144Kb / 8P
   952-954MHz 3.0W 8.0V, 2 Stage Amp.
RA05H8693M MITSUBISHI-RA05H8693M_10 Datasheet
113Kb / 9P
   866-928MHz 5W 14V, 3 Stage Amp.
RA01L9595M MITSUBISHI-RA01L9595M Datasheet
447Kb / 14P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA01L9595M MITSUBISHI-RA01L9595M_10 Datasheet
549Kb / 13P
   952-954MHz 1.4W 3.3V, 2 Stage Amp. For RFID READER / WRITER
RA05H8693M MITSUBISHI-RA05H8693M Datasheet
180Kb / 8P
   RF MOSFET MODULE 866-928MHz 5W 14V, 3 Stage Amp
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com