Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF701TC Datasheet(PDF) 4 Page - Semtech Corporation

Part # STF701TC
Description  T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF701TC Datasheet(HTML) 4 Page - Semtech Corporation

  STF701TC Datasheet HTML 1Page - Semtech Corporation STF701TC Datasheet HTML 2Page - Semtech Corporation STF701TC Datasheet HTML 3Page - Semtech Corporation STF701TC Datasheet HTML 4Page - Semtech Corporation STF701TC Datasheet HTML 5Page - Semtech Corporation STF701TC Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
STF701
Figure 1 - STF701 Circuit Diagram
Figure 2 - STF701 Connection Diagram
Device Connection for Protection of Two Data Lines
The STF701 is designed to provide EMI filtering and
ESD protection for two I/O lines. The equivalent circuit
diagram is shown in Figure 1. The device is connected
as follows:
1. Line 1 is connected at pins 1 & 5 and line 2 is
connected at pins 3 & 4 (Figure 2). The device is
symmetrical so input & output connections can be
made on either side of the device. Pin 2 is con-
nected to ground. The ground connection should
be made directly to the ground plane for best
results. The path length is kept as short as pos-
sible to reduce the effects of parasitic inductance
in the board traces.
Voltage Clamping Characteristics.
The clamping characteristics of the STF701 are opti-
mized by the use of two TVS diodes in the protection
circuit (Figure 3). An ESD strike on the protected line
will be initially suppressed by the first TVS diode. The
voltage across the TVS will be the clamping voltage of
the device (V
C1) given by:
V
C1 = Vbr + RD * IPP
where
V
br = Breakdown voltage of the TVS
R
D = Dynamic resistance of the TVS
I
PP = Peak pulse (ESD) current
The dynamic resistance of the TVS is very small,
typically < 0.5W.
The second TVS will be subjected to V
C1 through the
voltage divider formed by the series resistor (R) and
the dynamic resistance of the TVS. Since R >> RD
then by the voltage divider theorem, the voltage seen
by the protected IC will be a few millivolts above the
breakdown voltage (V
br) of the second TVS.
Figure 3 - STF701 Clamping Characteristics
Applications Information


Similar Part No. - STF701TC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
   Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
STF701 PROTEC-STF701_11 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701 PROTEC-STF701_12 Datasheet
708Kb / 7P
   EMI FILTER/TVS ARRAY
More results

Similar Description - STF701TC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com