Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07H0608M-101 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA07H0608M-101
Description  68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H0608M-101 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA07H0608M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA
RA
RA
RA07H0608
07H0608
07H0608
07H0608M
M
M
M
RA07H0608M
28 Jun 2010
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG=0V, Pin=0W
16
V
VDD
Drain Voltage
VGG<5V
13.2
V
VGG
Gate Voltage
VDD<12.5V, Pin<30mW
6
V
Pin
Input Power
50
mW
Pout
Output Power
10
W
Tcase(OP)
Operation Case Temperature Range
f=68-88MHz,
ZG=ZL=50
-30 to +90
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, Z G=ZL=50
Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
68
-
88
MHz
Pout
Output Power
VDD=12.5V,VGG=5V, Pin=30mW
7
-
-
W
ηT
Total Efficiency
38
-
-
%
2fo
2
nd Harmonic
-
-
-18
dBc
ρin
Input VSWR
-
-
4:1
IGG
Gate Current
Pout=7W (VGG control),
VDD=12.5V,
Pin=30mW
-
1
-
mA
Stability
VDD=7.2-13.2V, Pin=15-50mW, Pout<8W (VGG control),
Load VSWR=4:1
No parasitic oscillation
Load VSWR Tolerance
VDD=13.2V, Pin=30mW, Pout=7W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA07H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M-101 MITSUBISHI-RA07H0608M-101 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
M67743H MITSUBISHI-M67743H Datasheet
45Kb / 1P
   77-88MHz,12.5V,7W, FM PORTABLE RADIO????
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
240Kb / 8P
   RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com