Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07H0608M-101 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA07H0608M-101
Description  68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H0608M-101 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA07H0608M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H0608M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon RF Power Semiconductors
RA
RA
RA
RA07H0608
07H0608
07H0608
07H0608M
M
M
M
RoHS Compliance
,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M
28 Jun 2010
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA07H0608M is a 7-watt RF MOSFET Amplifier Module
for 12.5-volt portable radios that operate in the 68- to 88-MHz
range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The output
power and drain current increase as the gate voltage increases.
With a gate voltage around 4V (minimum), output power and
drain current increases substantially. The nominal output power
becomes available at 4.5V (typical) and 5V (maximum). At
VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>7W @ VDD=12.5V, VGG=5V, Pin=30mW
η
T>38% @ Pout=7W (VGG control), VDD=12.5V, Pin=30mW
• Broadband Frequency Range: 68-88MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 30 x 10 x 5.4 mm
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
RoHS COMPLIANT
• RA07H0608M-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot
Marking.
• This product include the lead in the Glass of electronic parts and the
lead in electronic Ceramic parts.
How ever, it applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and
fluorescent tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA07H0608M-101
Antistatic tray,
50 modules/tray
BLOCK DIAGRAM
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
3
2
4
1
5
PACKAGE CODE: H46S


Similar Part No. - RA07H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M-101 MITSUBISHI-RA07H0608M-101 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M_10 Datasheet
153Kb / 9P
   66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
M67743H MITSUBISHI-M67743H Datasheet
45Kb / 1P
   77-88MHz,12.5V,7W, FM PORTABLE RADIO????
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
240Kb / 8P
   RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com