Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR3HCGNP-001-RH Datasheet(PDF) 6 Page - Semtech Corporation

Part # UR3HCGNP-001-RH
Description  IC Converts PS/2 Data to USB
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR3HCGNP-001-RH Datasheet(HTML) 6 Page - Semtech Corporation

Back Button UR3HCGNP-001-RH Datasheet HTML 2Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 3Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 4Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 5Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 6Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 7Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 8Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 9Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Byte #
Data
Mnemonic
Value
0
Usage Page
05 01
Generic Desktop Control
2
Usage
09 06
Keyboard
4
Collection
A1 01
Application
6
Usage Page
05 07
Keyboard/Keypad Keys
8
Usage Minimum
19 E0
224
10
Usage Maximum
29 E7
231
12
Logical Minimum
15 00
0
14
Logical Maximum
25 01
1
16
Report Size
75 01
1
18
Report Count
95 08
8
20
Input
81 02
Data, Variable, Absolute
22
Report Size
75 01
1
24
Report Count
95 08
8
26
Input
81 03
Constant
28
Report Count
95 06
6
30
Report Size
75 01
1
32
Usage Page
05 08
LED
34
Usage Minimum
19 01
1
38
Usage Maximum
29 06
6
40
Output
91 02
Data, Variable, Absolute
42
Report Count
95 01
1
44
Report Size
75 02
2
46
Output
91 03
Constant
48
Report Count
95 06
6
50
Report Size
75 08
8
52
Logical Minimum
15 00
0
54
Logical Maximum
26 FF 00
255
56
Usage Page
05 07
Keyboard/Keypad Keys
58
Usage Minimum
19 00
0
60
Usage Maximum
29 FF
255
62
Input
81 00
Data, Array, Absolute
64
End Collection
C0
USB DESCRIPTORS : REPORT DESCRIPTORS (KEYBOARD)
Copyright ©1999-2001 Semtech Corporation
DOC3-GNP-001-DS-104
www.semtech.com
6


Similar Part No. - UR3HCGNP-001-RH

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UR3 WILLOW-UR3 Datasheet
2Mb / 2P
   Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
logo
celduc-relais
UR304000 CELDUC-UR304000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
UR315000 CELDUC-UR315000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
logo
Unisonic Technologies
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3320G-TN3-D-R UTC-UR3320G-TN3-D-R Datasheet
277Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results

Similar Description - UR3HCGNP-001-RH

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3301 SEMTECH-SH3301 Datasheet
97Kb / 8P
   USB-Adapt??SH3301 IC Converts PS/2 Data to USB
UR6HCPS2-SP40 SEMTECH-UR6HCPS2-SP40 Datasheet
132Kb / 22P
   Converts PS/2 Data to Serial or SPI
logo
List of Unclassifed Man...
CSC0101A ETC-CSC0101A Datasheet
159Kb / 2P
   Dual PS/2 to USB Data Converter Controller
logo
Tripp Lite. All Rights ...
0DT60002 TRIPPLITE-0DT60002 Datasheet
478Kb / 2P
   PS-2 to USB Converter
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
   USB to PS/2 Converter for Keyboard / Mouse
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
   USB & PS/2 Keyboard Encoder
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com