Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR3HCGNP-001-RH Datasheet(PDF) 10 Page - Semtech Corporation

Part # UR3HCGNP-001-RH
Description  IC Converts PS/2 Data to USB
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR3HCGNP-001-RH Datasheet(HTML) 10 Page - Semtech Corporation

Back Button UR3HCGNP-001-RH Datasheet HTML 6Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 7Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 8Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 9Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 10Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 11Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 12Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 13Page - Semtech Corporation UR3HCGNP-001-RH Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright ©1999-2001 Semtech Corporation
DOC3-GNP-001-DS-104
www.semtech.com
10
MECHANICAL INFORMATION FOR THE UR3HCGNP-001 PACKAGE
1
80
65
40
64
41
25
24
HD
D
A
L1
L
Detail F
0.1
––
0.2
––
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.5
I2
1.3
MD
14.6
ME
20.6
10¡
0.1
1.4
0.8
0.6
0.4
23.1
22.8
22.5
17.1
16.8
16.5
0.8
20.2
20.0
19.8
14.2
14.0
13.8
0.2
0.15
0.13
0.45
0.35
0.3
2.8
0
3.05
e
Recommended Mount Pad
MD
I2
e
F
b
y


Similar Part No. - UR3HCGNP-001-RH

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UR3 WILLOW-UR3 Datasheet
2Mb / 2P
   Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
logo
celduc-relais
UR304000 CELDUC-UR304000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
UR315000 CELDUC-UR315000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
logo
Unisonic Technologies
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3320G-TN3-D-R UTC-UR3320G-TN3-D-R Datasheet
277Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results

Similar Description - UR3HCGNP-001-RH

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3301 SEMTECH-SH3301 Datasheet
97Kb / 8P
   USB-Adapt??SH3301 IC Converts PS/2 Data to USB
UR6HCPS2-SP40 SEMTECH-UR6HCPS2-SP40 Datasheet
132Kb / 22P
   Converts PS/2 Data to Serial or SPI
logo
List of Unclassifed Man...
CSC0101A ETC-CSC0101A Datasheet
159Kb / 2P
   Dual PS/2 to USB Data Converter Controller
logo
Tripp Lite. All Rights ...
0DT60002 TRIPPLITE-0DT60002 Datasheet
478Kb / 2P
   PS-2 to USB Converter
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
   USB to PS/2 Converter for Keyboard / Mouse
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
   USB & PS/2 Keyboard Encoder
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com