Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5HC418 Datasheet(PDF) 10 Page - Semtech Corporation

Part # UR5HC418
Description  AT / PS/2 - Compatible Keyboard Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button UR5HC418 Datasheet HTML 6Page - Semtech Corporation UR5HC418 Datasheet HTML 7Page - Semtech Corporation UR5HC418 Datasheet HTML 8Page - Semtech Corporation UR5HC418 Datasheet HTML 9Page - Semtech Corporation UR5HC418 Datasheet HTML 10Page - Semtech Corporation UR5HC418 Datasheet HTML 11Page - Semtech Corporation UR5HC418 Datasheet HTML 12Page - Semtech Corporation UR5HC418 Datasheet HTML 13Page - Semtech Corporation UR5HC418 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
10
MECHANICALS FOR THE UR5HC418-P
40
21
1
20
B
A
Seating
Plane
N
K
D
F
G
H
C
L
J
M
Notes:
1. Positional tolerance of leads (D) shall be
within 0.25 mm (0.010) at maximum material
condition, in relation to the seating plane and
each other.
2. Diminsion L is to the center of the leads when
the leads are formed parallel.
3. Dimension B does not include mold flash.
B
C
D
F
G
H
J
K
L
M
N
13.72 14.22 0.540 0.560
3.94 5.08
0.155 0.200
0.36
0.56 0.014 0.022
1.02
1.52 0.040 0.060
2.54 BSC
0.100 BSC
2.16
0.085
0.20
0.008
2.92
0.015
15
0
15
0.51
1.02 0.020 0.040
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIM
0
0
0
A
51.69 52.45 2.035 2.065
0.38
0.015
0.135
3.43
15.24 BSC
0.600 BSC
0
1.65
0.065
0


Similar Part No. - UR5HC418

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HC703-600-FG SEMTECH-UR5HC703-600-FG Datasheet
72Kb / 8P
   USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232
UR5HC703-600-FQ SEMTECH-UR5HC703-600-FQ Datasheet
72Kb / 8P
   USAR SerialCoderTM Low-Power Keyboard Encoder interfaces RS-232
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FB SEMTECH-UR5HCFJ8-FB Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FN SEMTECH-UR5HCFJ8-FN Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
More results

Similar Description - UR5HC418

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
K25C81-FB SEMTECH-K25C81-FB Datasheet
124Kb / 12P
   Versatile PC/XC/AT/PS/2 Compatible Keyboard Encoder
logo
ELAN Microelectronics C...
EKK8011 EMC-EKK8011 Datasheet
336Kb / 34P
   USB & PS/2 Keyboard Encoder
EKK8011AB EMC-EKK8011AB Datasheet
805Kb / 38P
   USB & PS/2 Keyboard Encoder
logo
Holtek Semiconductor In...
HT82K629A HOLTEK-HT82K629A Datasheet
168Kb / 23P
   Windows 2000 USBPS/2 Keyboard Encoder
HT6542B HOLTEK-HT6542B Datasheet
305Kb / 7P
   Keyboard Controller with PS/2
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com