Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5HCFJL-FN Datasheet(PDF) 7 Page - Semtech Corporation

Part # UR5HCFJL-FN
Description  Zero-PowerTM Keyboard Encoder for Portable Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HCFJL-FN Datasheet(HTML) 7 Page - Semtech Corporation

Back Button UR5HCFJL-FN Datasheet HTML 3Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 4Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 5Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 6Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 7Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 8Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 9Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 10Page - Semtech Corporation UR5HCFJL-FN Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STATES OF OPERATION
USING THE GREENCODERTM FOR SYSTEM MANAGEMENT TASKS
Copyright Semtech, 1997-2001
DOC5-FJL-DS-106
www.semtech.com
7
The GreenCoderTM provides an ideal complement to low-power chip sets
targeted to the portable and mobile computing market. The GreenCoderTM
can be used to handle several system management tasks for small, portable
system designs, thus saving space and additional components for the
System Designer. Such system management tasks include those listed
below.
However, since most of the system management tasks are application and
hardware-dependent, detailed implementation information is outside the
scope of this document. For application examples and sample schematics,
contact Semtech Technical Support.
System shut-down/wake-up signal
The GreenCoderTM can provide the system power management unit with a
shut-down/wake-up signal which can be invoked either by a special
keyboard combination or after a programmed period of user inactivity.
Note: Self-Power ManagementTM is a feature protected under Semtech Corp. patent and copyright rights.
Purchase of any version of the UR5HCFJL encoder conveys a license to utilize the Self-Power Management
feature only through use of the UR5HCFJL in a PS/2-compatible keyboard subsystem.
The GreenCoderTM has three states
of operation, implemented to
minimize the power consumption of
the keyboard subsystem. The
following diagram illustrates the
three states of operation of the
GreenCoderTM.
Most of the time, the GreenCoderTM
is in the Sleep State. Power
consumption in this state is
approximately 2 µA at 5 Volts of
operation. The GreenCoderTM enters
the Active State only when there is
an event to process, such as a
keystroke, a command from the
system, or data from the external
PS/2-compatible device.
The GreenCoderTM enters and stays
in the Stand-By State if an external
device is connected to the auxiliary
port or if one or more LEDs are
turned on.
In the Stand-By State, the IC
consumes approximately 600 µA at
5 Volts. Transition from one state to
the other does not require any input
from the system.
SLEEP
STATE
STAND BY
STATE
ACTIVE
STATE
Figure 2: States of Operation of
UR5HCFJL


Similar Part No. - UR5HCFJL-FN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FB SEMTECH-UR5HCFJ8-FB Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FN SEMTECH-UR5HCFJ8-FN Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-P SEMTECH-UR5HCFJ8-P Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
More results

Similar Description - UR5HCFJL-FN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCSPI-06 SEMTECH-UR5HCSPI-06 Datasheet
142Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
logo
Holtek Semiconductor In...
HT6547C HOLTEK-HT6547C Datasheet
1,008Kb / 20P
   KEYBOARD ENCODER FOR WINDOWS95
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com