Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5HCSPI-06-FB Datasheet(PDF) 4 Page - Semtech Corporation

Part # UR5HCSPI-06-FB
Description  Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HCSPI-06-FB Datasheet(HTML) 4 Page - Semtech Corporation

  UR5HCSPI-06-FB Datasheet HTML 1Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 2Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 3Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 4Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 5Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 6Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 7Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 8Page - Semtech Corporation UR5HCSPI-06-FB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright Semtech 1997-2000
DOC5-SPI-06-DS-103
www.semtech.com
4
PIN DESCRIPTIONS
VCC and VSS
VCC and VSS are the power
supply and ground pins. The
UR5HCSPI-06 will operate from a
3-5 Volt power supply. To prevent
noise problems, provide bypass
capacitors and place them as
close as possible to the IC with the
power supply. VX, where available,
should be tied to Vcc.
OSCI and OSCO
OSCI and OSCO provide the input
and output connections for the on-
chip oscillator. The oscillator can
be driven by any of the following
circuits:
- Crystal
- Ceramic Resonator
- External Clock Signal
The frequency of the on-chip
oscillator is 2 MHz.
_RESET
A logic zero on the _RESET pin will
force the UR5HCSPI-06 into a
known start-up state. The reset
signal can be supplied by any of
the following circuits:
- RC
- Voltage monitor
- Master system reset
MOSI, MISO, SCK, _SS, _ATN
These five signals implement the
SPI interface. The device acts as a
slave on the SPI bus. The _SS
(Slave Select) pin should be tied to
ground if not used by the SPI
master. The _ATN pin is asserted
low each time the UR5HCSPI-06
has a packet ready for delivery.
For a more detailed description,
refer to the SPI Communication
Channel section on page 9.
_IOTEST and _WKU
“Input Output Test” and “Wake Up”
pins control the stop mode exit of
the device. The designer can
connect any number of active low
signals to these two pins through a
17K resistor, in order to force the
device to exit the stop mode. A
sample circuit is shown on page 15
of this document.
All the signals are “wire-anded.”
When any one of these signals is
not active, it should be floating
(i.e., these signals should be
driven from “open-collector” or
“open-drain” outputs). Other
configurations are possible;
contact Semtech.
R0-R 7
The R0-R7 pins are connected to
the rows of the scanned matrix.
Each pin provides an internal pull-
up resistor, eliminating the need for
external components.
C0-C9
C0 to C9 are bi-directional pins
connected to the columns of the
scanned matrix. When a column is
selected, the pin outputs an active
low signal. When the column is
de-selected, the pin turns into
high-impedance.
C10/WUKO
The C10/WUKO pin acts
alternatively as column scan output
and as an input. As an input, the
pin detects the “Wake-Up Keys
Only” signal, typically provided by
the host CPU to indicate that the
user has turned the unit off. When
the device detects an active high
state on this pin, it feeds this
information into the “Keyboard
State Control” unit, in order to
disable the keyboard and enable
the programmed wake-up keys.
C11/_LID
The C11/_LID pin acts in a similar
manner to the C10/WUKO. This pin
is typically connected to the LID
latch through a 150K resistor, in
order to detect physical closing of
the device cover. When the pin
detects an active low state in this
input, it feeds this information into
the “Keyboard State Control” unit,
in order to disable keys inside the
case and enable only switches
located physically on the outer
body of the H/PC unit.


Similar Part No. - UR5HCSPI-06-FB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCSPI-FN SEMTECH-UR5HCSPI-FN Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
More results

Similar Description - UR5HCSPI-06-FB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
   Zero-PowerTM Keyboard Encoder for Portable Systems
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-0A4 SEMTECH-UR8HC007-0A4 Datasheet
426Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
   Cellular/PCS System Power Management IC
logo
Holtek Semiconductor In...
HT6547C HOLTEK-HT6547C Datasheet
1,008Kb / 20P
   KEYBOARD ENCODER FOR WINDOWS95
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com