Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR6HCPS2-SP40-FG Datasheet(PDF) 1 Page - Semtech Corporation

Part # UR6HCPS2-SP40-FG
Description  Converts PS/2 Data to Serial or SPI
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR6HCPS2-SP40-FG Datasheet(HTML) 1 Page - Semtech Corporation

  UR6HCPS2-SP40-FG Datasheet HTML 1Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 2Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 3Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 4Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 5Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 6Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 7Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 8Page - Semtech Corporation UR6HCPS2-SP40-FG Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PS2AdaptTM UR6HCPS2-SP40
Converts PS/2 Data to Serial or SPI
PS2Adapt is a trademark of Semtech Corp. All
other trademarks belong to their respective
companies.
Copyright Semtech, 2000-2001
DOC6-PS2-SP40-DS-102
www.semtech.com
1
HID & SYSTEM MANAGEMENT PRODUCTS, PROTOCOL INTERPRETER FAMILY
DESCRIPTION
FEATURES
1
9
16
8
25
32
24
17
UR6HCPS2-SP40-FG
LQFP
CONF0
_CTS/_ATN
_PWR_OFF
SDATA
SCLK
TxD
RxD
E3DATA
OSCIN
_OSCOUT
VSS
LED3
LED2
LED1
LED0
RES0
• Typically consumes less than 1 µA
• Interfaces the host system via
either Asynchronous Serial
Interface or Serial Peripheral
Interface (SPI)
• Jumper selectable interface and
Baud rate
• Offers four PS/2 ports for the hot-
plug connection of external
keyboards or mice including
MouseWheel, 5 button mice and
absolute mode touch screens
• Easy to use, one way
communication protocol
• Operating voltage between 3
and 5 Volts
• Custom versions available in
small or large quantities
• Small 7x7 mm package to
accommodate slim designs
• H/PCs
• Web Phones
• PDAs
• System Legacy Support
The PS2AdaptTM is a Zero-PowerTM
protocol interpreter that can link an
AT/PS/2-compatible Human Input
Device (HID), such as a keyboard,
mouse, bar-code reader, etc. to any
host system equipped with either
Asynchronous Serial Interface (ASI)
or the Serial Peripheral Interface
(SPI).
The IC was designed specifically
for RISC-based portable devices
that are limited to ASI and SPI
interfaces. The PS2AdaptTM allows
designers to easily connect PS/2
devices to their system.
The UR6HCPS2-SP40 emulates all
the functions of the 8042 keyboard
controller which typically resides on
the AT/PS/2 motherboard. The
Zero-PowerTM PS2AdaptTM will power
down even between
key presses and bewteen mouse
reports. Typical power
consumption is only 1 µA operating
between 3-5 Volts.
The UR6HCPS2-SP40 boasts 4
external PS/2 ports that support the
hot-plug connection of an external
PS/2 keyboard or mouse,
including MouseWheel, 5-button
mice and touch screens in absolute
mode.
Each of four external PS/2 ports
also support more than 140 key
scan codes including international
language keys, internet keys, and
power keys. The PS2AdaptTM also
offers 4 reserved pins for LED
functions, their functions can be
customized by Semtech.
APPLICATIONS
PIN ASSIGNMENTS


Similar Part No. - UR6HCPS2-SP40-FG

ManufacturerPart #DatasheetDescription
logo
celduc-relais
UR601000 CELDUC-UR601000 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
UR604010 CELDUC-UR604010 Datasheet
178Kb / 1P
   SINGLE CONTROL MAGNET
logo
Fairchild Semiconductor
UR620C FAIRCHILD-UR620C Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
UR6225 UTC-UR6225 Datasheet
196Kb / 18P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6HCPS2-SP40-FG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR3HCGNP-001-RH SEMTECH-UR3HCGNP-001-RH Datasheet
100Kb / 14P
   IC Converts PS/2 Data to USB
SH3301 SEMTECH-SH3301 Datasheet
97Kb / 8P
   USB-Adapt??SH3301 IC Converts PS/2 Data to USB
logo
List of Unclassifed Man...
CSC0101A ETC-CSC0101A Datasheet
159Kb / 2P
   Dual PS/2 to USB Data Converter Controller
AT25DF021 ETC2-AT25DF021_12 Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com