Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H3340M Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA30H3340M
Description  330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H3340M Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA30H3340M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA30H3340M
RA30H3340M
24 Jun 2010
6/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RECOMMENDATIONS and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered on a copper flange. For mechanical protection a plastic cap
is attached by Silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate and
coated by resin. Lines on the substrate (eventually inductors), chip capacitors and resistors form the bias and
matching circuits. Wire leads soldered onto the alumina substrate provide DC and RF connection.
Following conditions shall be avoided:
a) Bending forces on the alumina substrate (for example during screwing or by fast thermal changes)
b) Mechanical stress on the wire leads (for example by first soldering then screwing or by thermal expansion)
c) Defluxing solvents reacting with the resin coating the MOSFET chips (for example Trichloroethylene)
d) Frequent on/off switching causing thermal expansion of the resin
e) ESD, surge, overvoltage in combination with load VSWR, oscillation, etc.
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
The heat sink flatness shall be less than 50µm (not flat heat sink or particles between module and heat sink may
cause the ceramic substrate in the module to crack by bending forces, either immediately when screwing or later
when thermal expansion forces are added).
Thermal compound between module and heat sink is recommended for low thermal contact resistance and to
reduce the bending stress on the ceramic substrate caused by temperature difference to the heat sink.
The module shall first be screwed to the heat sink, after this the leads can be soldered to the PCB.
M3 screws are recommended with tightening torque 4.0 to 6.0 kgf-cm.
Soldering and Defluxing:
This module is designed for manual soldering.
The leads shall be soldered after the module is screwed onto the heat sink.
The temperature of the lead (terminal) soldering should be lower than 350°C and shorter than 3 second.
Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause
bubbles in the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
At Pout=30W, VDD=12.5V and Pin=50mW each stage transistor operating conditions are:
Stage
Pin
(W)
Pout
(W)
Rth(ch-case)
(°C/W)
IDD @ ηT=40%
(A)
VDD
(V)
1
st
0.05
1.5
29.0
0.18
2
nd
1.5
9.0
2.4
1.60
3
rd
9.0
30.0
1.2
4.20
12.5
The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are:
Tch1 = Tcase + (12.5V x 0.18A - 1.5W + 0.05W) x 29.0°C/W = Tcase + 23.2 °C
Tch2 = Tcase + (12.5V x 1.60A - 9.0W + 1.50W) x 2.4°C/W
= Tcase + 30.0 °C
Tch3 = Tcase + (12.5V x 4.20A - 30.0W + 9.0W) x 1.2°C/W
= Tcase + 37.8 °C
For long term reliability the module case temperature Tcase is better kept below 90°C. For an ambient temperature
Tair=60°C and Pout=30W the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout / ηT ) - Pout + Pin ) of the heat
sink, including the contact resistance, is:
Rth(case-air) = (90°C - 60°C) / (30W/40% – 30W + 0.05W) = 0.67 °C/W
When mounting the module with the thermal resistance of 0.67 °C/W, the channel temperature of each stage
transistor is:
Tch1 = Tair + 53.2 °C
Tch2 = Tair + 60.0 °C
Tch3 = Tair + 67.8 °C
175°C maximum rating for the channel temperature ensures application under derated conditions.


Similar Part No. - RA30H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-01 MITSUBISHI-RA30H3340M-01 Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M MITSUBISHI-RA30H3340M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_11 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_10 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_10 Datasheet
94Kb / 9P
   330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_11 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com