Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA35H1516M-101 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA35H1516M-101
Description  154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA35H1516M-101 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA35H1516M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA35H1516M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA35H1516M
RA35H1516M
25 Jun 2010
2/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<5V
17
V
VGG
Gate Voltage
VDD<12.5V, Pin=0mW
6
V
Pin
Input Power
100
mW
Pout
Output Power
50
W
Tcase(OP)
Operation Case Temperature Range
f=154-162MHz,
ZG=ZL=50Ω
-30 to +110
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
154
-
162
MHz
Pout
Output Power
40
-
-
W
η
T
Total Efficiency
50
-
-
%
2fo
2
nd Harmonic
-
-
-50
dBc
ρ
in
Input VSWR
-
-
3:1
IGG
Gate Current
VDD=12.5V
VGG=5V
Pin=50mW
-
1
-
mA
Stability
VDD=8.0-15.2V, Pin=25-70mW,
Pout<50W (VGG control), Load VSWR=3:1
No parasitic oscillation
Load VSWR Tolerance
VDD=15.2V, Pin=50mW, Pout=40W (VGG control),
Load VSWR=20:1
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA35H1516M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA35H1516M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M MITSUBISHI-RA35H1516M_11 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1_11 Datasheet
200Kb / 9P
   RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A_11 Datasheet
213Kb / 10P
   136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_10 Datasheet
103Kb / 9P
   135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com