Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA45H4045MR Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA45H4045MR
Description  400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H4045MR Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA45H4045MR_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H4045MR_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA45H4045MR
RA45H4045MR
25 Jun 2010
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
70
80
390 400 410 420 430 440 450 460
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
VDD=12.5V
VGG=5V
Pin=50mW
Pout
η
T
ρ
in
0
10
20
30
40
50
60
-15 -10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=400MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=430MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
390
400
410
420
430
440
450
460
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
Pout
f=400MHz,
VGG=5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=450MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
Pout
f=430MHz,
VGG=5V,
Pin=50mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA45H4045MR_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR-101 MITSUBISHI-RA45H4045MR-101 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H4045MR_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_10 Datasheet
101Kb / 9P
   400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
M68769L MITSUBISHI-M68769L Datasheet
14Kb / 1P
   400-450MHz, 12.5V, 45W, FM MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
M57788MR MITSUBISHI-M57788MR Datasheet
123Kb / 3P
   430-450MHz, 12.5V, 45W, FM MOBILE RADIO
M57788M MITSUBISHI-M57788M Datasheet
123Kb / 3P
   430-450MHz, 12.5V, 45W, FM MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com