Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR7HCTS2-S840-FG Datasheet(PDF) 5 Page - Semtech Corporation

Part # UR7HCTS2-S840-FG
Description  High-Performance, Low Power Touch Screen Controller/Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR7HCTS2-S840-FG Datasheet(HTML) 5 Page - Semtech Corporation

  UR7HCTS2-S840-FG Datasheet HTML 1Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 2Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 3Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 4Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 5Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 6Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 7Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 8Page - Semtech Corporation UR7HCTS2-S840-FG Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
POWER MANAGEMENT (CON’T)
Copyright Semtech 2000-2001
DOC7-TS2-S840-DS-102
www.semtech.com
5
Critical Suspend
Ext Mouse
power down
Normal State
_PWR_DOWN=0
_PWR_DOWN=1
and XPWRS=1
_PWR_DOWN=0
_PWR_DOWN=1
and XPWRS=1
_PWR_DOWN=1
and XPWRS=0
_PWR_DOWN=1
and XPWRS=0
Figure 2: System-coordinated Power Management
System-coordinated Power
Management
Normal Operation State:
In normal operation state, both the
_PWR_DOWN and XPWRS pins are
in high state. The ScreenCoderTM
SPI/Serial operations are controlled
by Self-Power ManagementTM.
Critical Suspend:
At any time, the Host may negate
the _PWR_DOWN pin in order to
force the ScreenCoderTM SPI/Serial
into a "critical suspend" mode. This
signal can be activated (driven low)
due to specific conditions of the
Host's operations (for example, a
discharged battery), or due to
actions of the Operating System or
BIOS.
During the "critical suspend", the
ScreenCoderTM SPI/Serial will shut
down all of the pointing activities.
External PS/2 power down:
The ScreenCoderTM SPI/Serial
monitors the state of the power
supply rail for the external PS/2
pointing device through the XPWRS
pin. If the IC senses that the external
PS/2 device has been powered-
down by the host, it will actively
eliminate shot-through current in the
input buffers for the clock and data
lines by driving both low.
The ScreenCoderTM SPI/Serial will re-
initialize the external PS/2 pointing
device when the power to the
external PS/2 port is restored.
The ScreenCoderTM SPI/Serial can acquire data from any four- or eight-wire
resistive touch screen sensors. The sensor interface has the following
features:
Touch detection
The IC periodically checks touch pressure applied to the panel. If there is
no touch, the IC will not perform measurements and will not send data to
system. When touch pressure is detected, the IC further qualifies and
determines the amount of pressure. Semtech’s proprietary, patent-pending
touch detection algorithm performs this test very quickly, accommodating
sensors with various plate-to-plate capacitances.
TOUCH SCREEN SENSOR INTERFACE


Similar Part No. - UR7HCTS2-S840-FG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-P840-FG SEMTECH-UR7HCTS2-P840-FG Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-U860-DR SEMTECH-UR7HCTS2-U860-DR Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
More results

Similar Description - UR7HCTS2-S840-FG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com