Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR7HCTS2-U860 Datasheet(PDF) 3 Page - Semtech Corporation

Part # UR7HCTS2-U860
Description  High-Performance USB Touch Screen Controller / Digitizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR7HCTS2-U860 Datasheet(HTML) 3 Page - Semtech Corporation

  UR7HCTS2-U860 Datasheet HTML 1Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 2Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 3Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 4Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 5Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 6Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 7Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 8Page - Semtech Corporation UR7HCTS2-U860 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FUNCTIONAL DESCRIPTION
PIN DEFINITIONS
Copyright Semtech 2000-2001
DOC7-TS2-U860-DS-101
www.semtech.com
3
Mnemonic
Pin #
Type
Name and Function
Power:
VDD
15
P
Power Supply
VSS
14,18
P
Ground
3.3V
22
P
USB Reference Voltage Out
_Reset
13
I
Reset
Oscillators:
OSCI
16
I
Oscillator Input
OSCO
17
O
Oscillator Output
USB:
D-
35
I/O
USB D- Line
D+
36
I/O
USB D+ Line
Touch
Screen:
XR1, XR2
19,32
I/O
Touch Screen Right Drive Pins
YB1, YB2
31,20
I/O
Touch Screen Bottom Drive Pins
YT1, YT2
21,30
I/O
Touch Screen Top Drive Pins
XL1, XL2
22,29
I/O
Touch Screen Left Drive Pins
SXR
7
Al
Touch Screen Sense Pin: for X Right
SYB
6
Al
Touch Screen Sense Pin: for Y Bottom
SYT
5
Al
Touch Screen Sense Pin: for Y Top
SXL
4
Al
Touch Screen Sense Pin: for X Left
VREF
12
Al
Voltage Reference for A/D Converter
SOUT
23
O
Output control data to A/D Converter
_RB
34
I
Mouse Right Button
RDVD1-13
1-3,8-11
I/O
Reserved for future use
23-25,
27-28
33
Note: An underscore before a pin mnemonic denotes an active low signal.
Pin Types Legend: I=Input; O=Output; I/O=Input or Output; P=Power; Al= Analog Input
The UR7HCTS2-U860 consists
functionally of five major sections
(see the Functional Diagram on
Page 2). These are the Sensor
Interface, the Power Management
Section, the 16-Bit Timer, the
Oscillator Circuit and the USB
Interface.
If the system does not allow remote wake-up, the ScreenCoderTM USB will
not send resume messages to the system when it is awoken by activity on
the touch screen or button.
This IC has a built-in Oscillator
circuit capable of operations with
an external 6.00 MHz Clock source,
or a Ceramic Resonator (preferably
with built-in Load Capacitors) or a
Crystal with external Load
Capacitors.
OSCILLATOR
According to the USB specification,
if there is no activity of the USB port
for 3 ms, the system is considered
to be in a suspended state. The
ScreenCoderTM USB IC, on
detecting that the system is in
suspend, will check the state of the
touch screen and the right button.
If there is no touch pressure
detected or no button pressed, the
ScreenCoderTM USB enters into the
suspended state. In suspend the
IC fully complies with the USB
specification for the power
consumption, dissipating current
only in the USB-mandated pull-up
for the device identification.
Another technique the IC uses to
conserve power is called remote
wake-up. If the system relies on the
device to perform wake-up, the IC
will send a resume message to the
system when there is activity on the
touch screen or button.
POWER MANAGEMENT
POWER MANAGEMENT (CON’T)


Similar Part No. - UR7HCTS2-U860

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-P840-FG SEMTECH-UR7HCTS2-P840-FG Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-S840-FG SEMTECH-UR7HCTS2-S840-FG Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results

Similar Description - UR7HCTS2-U860

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com