Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD809 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD809
Description  Plastic High Power Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD809 Datasheet(HTML) 3 Page - ON Semiconductor

  BD809 Datasheet HTML 1Page - ON Semiconductor BD809 Datasheet HTML 2Page - ON Semiconductor BD809 Datasheet HTML 3Page - ON Semiconductor BD809 Datasheet HTML 4Page - ON Semiconductor BD809 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD809 (NPN), BD810 (PNP)
http://onsemi.com
3
500
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.5
0.2
10
1.0
2.0
100
50
TJ = 150°C
25
°C
-55
°C
200
20
20
NPN
BD809
PNP
BD810
IC, COLLECTOR CURRENT (AMP)
TJ = 150°C
25
°C
-55
°C
5.0
VCE = 2.0 V
VCE = 2.0 V
10
5.0
0.5
0.2
10
1.0
2.0
20
5.0
500
100
50
200
20
5.0
10
5.0
100
IC = 1.0 A
TJ = 25°C
10
4.0 A
8.0 A
20
50
2000
1000
200
500
Figure 4. Collector Saturation Region
2.0
IB, BASE CURRENT (mA)
5.0
100
5000
1.8
1.6
1.4
1.2
IC = 1.0 A
TJ = 25°C
0
10
4.0 A
8.0 A
20
50
1.0
0.2
0.6
0.8
0.4
2000
1000
200
500
5000
2.0
1.8
1.6
1.4
1.2
0
1.0
0.2
0.6
0.8
0.4
IB, BASE CURRENT (mA)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) @ IC/IB = 10
2.0
IC, COLLECTOR CURRENT (AMP)
Figure 5. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VCE(sat) @ IC/IB = 10
TJ = 25°C
VBE @ VCE = 2.0 V
2.8
1.6
1.2
2.4
0
0.8
0.4
0.2
0.5
2.0
20
10
1.0
5.0
VBE(sat) = IC/IB = 10
2.0


Similar Part No. - BD809

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD809 ONSEMI-BD809 Datasheet
49Kb / 8P
   POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD809 SAVANTIC-BD809 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD809 ISC-BD809 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BD809 ONSEMI-BD809 Datasheet
95Kb / 4P
   Plastic High Power Silicon Transistors
November, 2014 ??Rev. 8
logo
New Jersey Semi-Conduct...
BD809 NJSEMI-BD809 Datasheet
127Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD809

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
   Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
   Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
   Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
BD808 ONSEMI-BD808 Datasheet
49Kb / 4P
   Plastic High Power Silicon PNP Transistor
January, 2001 ??Rev. 8
logo
Motorola, Inc
BD801 MOTOROLA-BD801 Datasheet
93Kb / 4P
   Plastic High Power Silicon NPN Transistor
logo
Usha India Ltd.
2SD880Y USHA-2SD880Y Datasheet
50Kb / 2P
   SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
2N5655 ONSEMI-2N5655_06 Datasheet
80Kb / 5P
   Plastic NPN Silicon High?뭋oltage Power Transistor
October, 2006 ??Rev. 9
2N5655 ONSEMI-2N5655 Datasheet
89Kb / 4P
   Plastic NPN Silicon High-Voltage Power Transistor
April, 2002 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N5655 NJSEMI-2N5655 Datasheet
129Kb / 1P
   PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTOR
logo
First Components Intern...
TIP31 FCI-TIP31 Datasheet
49Kb / 1P
   Complementary Silicon Plastic Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com