Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR8HC007-001 Datasheet(PDF) 11 Page - Semtech Corporation

Part # UR8HC007-001
Description  Input Device and Power Management Companion IC for Jupiter Devices
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR8HC007-001 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button UR8HC007-001 Datasheet HTML 7Page - Semtech Corporation UR8HC007-001 Datasheet HTML 8Page - Semtech Corporation UR8HC007-001 Datasheet HTML 9Page - Semtech Corporation UR8HC007-001 Datasheet HTML 10Page - Semtech Corporation UR8HC007-001 Datasheet HTML 11Page - Semtech Corporation UR8HC007-001 Datasheet HTML 12Page - Semtech Corporation UR8HC007-001 Datasheet HTML 13Page - Semtech Corporation UR8HC007-001 Datasheet HTML 14Page - Semtech Corporation UR8HC007-001 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ZERO-POWERTM OPERATION OF PS/2 PORTS
PS/2 PORTS
Copyright ©1998-2001 Semtech Corporation
DOC8-007-001-DS-108
www.semtech.com
11
The Juno™ implements the
Semtech-patented "Message loss-
less wake-up™" method to operate
all three PS/2 ports. This method
enables the controller to interface
with devices attached to its PS/2
ports while still operating in the
"Stop" mode. Typical power
consumption of the PS/2 ports is
therefore 1 µA.
If a PS/2 device reports a data
packet, the controller will exit the
"Stop" mode for as long as it takes
to process the device message and
relay the information, if necessary,
to the Host system. This operation
is done transparently to the Host,
without any message loss or any
response delays from the input
devices.
This unique technology allows
computers to operate at their
minimum power consumption state
even with PS/2 devices attached.
Systems that employ an internal
pointing device, such as a touch
pad or a force stick, can benefit the
most from this feature, since the
pointing device will force the
controller to exit its "Stop" mode only
when there is data to be reported.
The UR8HC007-001 provides three PS/2 ports for the hot-plug connection of
an external keyboard, an external mouse and an internal mouse.
All of the internal and external devices are active at all times. Data from
both the external and internal keyboards and mice are merged and
seamlessly presented to the system.
5-Volt Tolerant PS/2 ports
The UR8HC007 controller can be powered by a power supply between 3
and 5 Volts (+/- 10%). Even when the USAR controller is powered by a 3-
Volt supply, the three PS/2 ports can directly interface with 5-Volt powered
devices — without the need of any external level-shifting circuitry. The Host
can enable or disable all the external PS/2 ports simultaneously, in sync with
the 5-Volt power plane that powers them. Alternatively, it can select any
PS/2 port selectively, through the "HID enable/disable control" register.
PS/2 Mouse Handling
The JunoTM provides a port for the connection of an internal PS/2 mouse.
This port supports MouseWheel functionality.
An internal mouse connected to a system’s PS/2 port consumes a significant
amount of power as it must always be “on.” A mouse connected to one of
Juno’s™ PS/2 ports consumes minimal power because the Juno™ will
power down even when the internal mouse is connected and active.


Similar Part No. - UR8HC007-001

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-004-FQ SEMTECH-UR8HC007-004-FQ Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
More results

Similar Description - UR8HC007-001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
[Old version datasheet]   ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
Semtech Corporation
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-0A4 SEMTECH-UR8HC007-0A4 Datasheet
426Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Semtech Corporation
SC908 SEMTECH-SC908 Datasheet
504Kb / 30P
   Power Management IC for Single-Cell Li-Ion Devices
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
   Power Management and Battery Charger for Wireless Devices
logo
ams AG
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com