Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUH100G Datasheet(PDF) 8 Page - ON Semiconductor

Part # BUH100G
Description  SWITCHMODE NPN Silicon Planar Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH100G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button BUH100G Datasheet HTML 2Page - ON Semiconductor BUH100G Datasheet HTML 3Page - ON Semiconductor BUH100G Datasheet HTML 4Page - ON Semiconductor BUH100G Datasheet HTML 5Page - ON Semiconductor BUH100G Datasheet HTML 6Page - ON Semiconductor BUH100G Datasheet HTML 7Page - ON Semiconductor BUH100G Datasheet HTML 8Page - ON Semiconductor BUH100G Datasheet HTML 9Page - ON Semiconductor BUH100G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BUH100G
http://onsemi.com
8
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 V
IC(pk) = 100 mA
Inductive Switching
L = 200
mH
RB2 = 0
VCC = 15 V
RB1 selected for
desired IB1
RBSOA
L = 500
mH
RB2 = 0
VCC = 15 V
RB1 selected for
desired IB1
+15 V
1
mF
150
W
3 W
100
W
3 W
MPF930
+10 V
50
W
COMMON
-Voff
500
mF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
W
3 W
100
mF
Iout
A
RB1
RB2
1
mF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
TYPICAL THERMAL RESPONSE
Figure 21. Forward Bias Power Derating
1
0
160
100
20
TC, CASE TEMPERATURE (°C)
0.8
0.6
0.4
0.2
60
140
SECOND BREAKDOWN
DERATING
40
80
120
THERMAL DERATING
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC−VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate. The data of Figure 22 is
based on TC = 25°C; TJ(pk) is variable depending on power
level. Second breakdown pulse limits are valid for duty
cycles to 10% but must be derated when TC > 25°C. Second
breakdown limitations do not derate the same as thermal
limitations. Allowable current at the voltages shown on
Figure 22 may be found at any case temperature by using the
appropriate curve on Figure 21.
TJ(pk) may be calculated from the data in Figure 24. At any
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations
imposed by second breakdown. For inductive loads, high
voltage and current must be sustained simultaneously during
turn−off with the base to emitter junction reverse biased. The
safe level is specified as a reverse biased safe operating area
(Figure 23). This rating is verified under clamped conditions
so that the device is never subjected to an avalanche mode.
Figure 22. Forward Bias Safe Operating Area
100
0.01
1000
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
100
1
0.1
DC
5 ms
1 ms
10
ms
1
ms
EXTENDED
SOA
10


Similar Part No. - BUH100G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com