Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR8HC007-0A4 Datasheet(PDF) 6 Page - Semtech Corporation

Part # UR8HC007-0A4
Description  Zero-PowerTM Input Device and Power Management IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR8HC007-0A4 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button UR8HC007-0A4 Datasheet HTML 2Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 3Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 4Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 5Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 6Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 7Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 8Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 9Page - Semtech Corporation UR8HC007-0A4 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PIN DEFINITIONS, (CON’T)
Copyright ©1998-2001 Semtech Corporation
DOC8-007-0A4 -DS-104
www.semtech.com
6
Pin Numbers
Mnemonic
QFP
Type
Name and Function
Host Communication
Interface
_SS/_RTS
13
I_Int
Slave_Select (SPI Mode) or
Ready_To_Send (Asynchronous Serial
Mode). Active-Low signal Input. Low-level
indicates that the Host System has data
for the UR8HC007 peripheral device or the
Host System is ready to accept data from
the UR8HC007 peripheral device.
Capable of Interrupt on Negative edge.
Pin 60 and pin 18 should both be "Low" for
data exchange to occur.
_ATN/_CTS
18
O
Attention (SPI Mode) or Clear_To_Send
(Asynchronous Serial Mode ). Active-Low
signal Output. Low-level indicates that the
UR8HC007 peripheral device has data for
the Host System or the UR8HC007
peripheral device is ready to accept data
from the Host System. Pin 18 and pin 60
should both be "Low" for data exchange to
occur.
MISO/TXD
20
I/O / O
Master-In-Slave-Out (SPI Mode) or
Transmit Data (Asynchronous Serial Mode,
Idle = "High" = 1)
MOSI/RXD
21
I
Master-Out-Slave-In (SPI Mode) or Receive
Data (Asynchronous Serial Mode)
SCLK/_ISEL
19
I
Serial Clock (SPI Mode) or Interface Select
(Asynchronous Serial Mode). Tie "Low" to
select Asynchronous Serial Mode. In SPI
Mode, use the following Clock sequence:
Idle-High / Negative-Edge (Shift Data) \
Positive-Edge (Latch Data), Idle-High.
PS/2 Port
PS2CLK
6
15V/
PS/2 Clock line
nD5V
PS2DATA
7
15V/
PS/2 Data line
nD5V
Note 2: An underscore before a pin mnemonic denotes an active low signal.
Pin Types Legend: PWR= Power; Ai=Analog Input; Ao= Analog Output; I=Digital Input;
I_Int=Digital Input capable of generating interrupts on a positive to negative edge transition;
I±Int=Digital Input capable of generating interrupts on either a positive or a negative edge
transition of the input signal; Ipup= Digital Input with built-in Pull-up to VDD; O=Output; pD=
p-channel open Drain Output (switch to VDD); I/O=Input or Output (Bidirectional pin); nD= n-
channel open Drain Output (switch to VSS); 15V= 5 Volt tolerant input (even if VDD is less
than 5V); nD5V=5 Volt tolerant n-channel open Drain Output.


Similar Part No. - UR8HC007-0A4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
   Input Device and Power Management Companion IC for Jupiter Devices
UR8HC007-001-FQ SEMTECH-UR8HC007-001-FQ Datasheet
149Kb / 18P
   Input Device and Power Management Companion IC for Jupiter Devices
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-004-FQ SEMTECH-UR8HC007-004-FQ Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
More results

Similar Description - UR8HC007-0A4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR5HCSPI-06 SEMTECH-UR5HCSPI-06 Datasheet
142Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
   Input Device and Power Management Companion IC for Jupiter Devices
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
   Multi-Channel Power Management IC for Portable Device
logo
Semtech Corporation
UR5HCFJL SEMTECH-UR5HCFJL Datasheet
211Kb / 20P
   Zero-PowerTM Keyboard Encoder for Portable Systems
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com