Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144TM3T5G Datasheet(PDF) 8 Page - ON Semiconductor

Part # DTC144TM3T5G
Description  Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC144TM3T5G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DTC144TM3T5G Datasheet HTML 3Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 4Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 5Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 6Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 7Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 8Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 9Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 10Page - ON Semiconductor DTC144TM3T5G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DTC114EM3T5G Series
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS − DTC114YM3T5G
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
02
46
8
10
15
20
25 30
35
40
45
50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
020
40
60
80
Figure 18. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
-25
°C
25
°C
TA =75°C
VCE = 10
300
250
200
150
100
50
0
2468
15
20 40
50 60 70 80
90
f = 1 MHz
lE = 0 V
TA = 25°C
25
°C
IC/IB = 10
TA =-25°C
TA =75°C
25
°C
-25
°C
VO = 0.2 V
TA =-25°C
75
°C
VO = 5 V
25
°C
75
°C


Similar Part No. - DTC144TM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC144TM3T5G ONSEMI-DTC144TM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
DTC144TM3T5G ONSEMI-DTC144TM3T5G Datasheet
107Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
August, 2012 ??Rev. 0
DTC144TM3T5G ONSEMI-DTC144TM3T5G Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 47k R2 = k
February, 2014 ??Rev. 3
DTC144TM3T5G ONSEMI-DTC144TM3T5G Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results

Similar Description - DTC144TM3T5G

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com