Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA60H1317M1A-201 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA60H1317M1A-201
Description  136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H1317M1A-201 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button RA60H1317M1A-201 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RA60H1317M1A-201 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
<
Silicon RF Power Modules >
RA60H1317M1A
RoHS Compliance ,136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date :Apr.2011
7
TEST BLOCK DIAGRAM
EQUIVALENT CIRCUIT
C1, C2: 4700pF, 22uF in parallel
Directional
Coupler
Attenuator
Power
Meter
Spectrum
Analyzer
Signal
Generator
Attenuator
Pre-
amplifier
Power
Meter
Directional
Coupler
DUT
5
4
3
2
1
ZG=50
ZL=50
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
Attenuator
1
INPUT TERMINAL (Pin )
2
GATE BIAS DC SUPPLY TERMINAL (VGG)
3
DRAIN BIAS DC SUPPLY TERMINAL (VDD)
4
OUTPUT TERMINAL (Pout)
5
Fin (GND)


Similar Part No. - RA60H1317M1A-201

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M1A-101 MITSUBISHI-RA60H1317M1A-101 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA60H1317M1A-201

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M1A MITSUBISHI-RA60H1317M1A Datasheet
215Kb / 9P
   RoHS Compliance ,136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M1A MITSUBISHI-RA60H1317M1A_08 Datasheet
109Kb / 9P
   RF MOSFET MODULE 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA80H1415M1 MITSUBISHI-RA80H1415M1 Datasheet
314Kb / 11P
   RoHS Compliance ,144-148MHz 80W, 136-174MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Jun.2013
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_11 Datasheet
243Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_10 Datasheet
89Kb / 9P
   135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H3847M1 MITSUBISHI-RA60H3847M1 Datasheet
305Kb / 11P
   RoHS Compliance, 378-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com