Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD02MUS1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD02MUS1
Description  RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD02MUS1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button RD02MUS1_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD02MUS1_10 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Silicon RF Power Semiconductors
RD02MUS1
RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1
17 Aug 2010
6/10
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TEST CIRCUIT(f=175MHz)
TEST CIRCUIT(f=520MHz)
5mm
Micro strip line width=2.2mm/50OHM,er:2.7,t=0.8mm
Note:Board material-Teflon substrate
C1,C2:1000pF,0.0022uF in parallel
C2
L3
12mm
68OHM
19mm
RF-OUT
C1
10uF,50V
33mm
12mm
3mm
13.5mm
L1: Enameled wire 5Turns,D:0.43mm,2.46mmO.D
240pF
4.7kOHM
15mm
Vgg
Vdd
62pF
RF-IN
62pF
3mm
39pF
43pF
3mm
RD02MVS1
11.5mm
10pF
10pF
L2: Enameled wire 3Turns,D:0.43mm,2.46mmO.D
L3: Enameled wire 9Turns,D:0.43mm,2.46mmO.D
L1
L2
175MHz
6.5mm
5mm
5mm
Micro strip line width=2.2mm/50OHM,er:2.7,t=0.8mm
Note:Board material-Teflon substrate
C1,C2:1000pF,0.022uF in parallel
C2
L1
40.5mm
68OHM
19mm
RF-OUT
C1
10uF,50V
20mm
2mm
10mm
11mm
4.5mm
L1: Enameled wire 9Turns,D:0.43mm,2.46mmO.D
240pF
4.7kOHM
19mm
Vgg
Vdd
62pF
RF-IN
62pF
26.5mm
43pF
6pF
18pF
3mm
RD02MUS1
520MHz
RD0 2 M US1


Similar Part No. - RD02MUS1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD02MUS1 MITSUBISHI-RD02MUS1_11 Datasheet
443Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
logo
Quanzhou Jinmei Electro...
RD02MUS1 JMNIC-RD02MUS1_15 Datasheet
282Kb / 9P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD02MUS1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD02MUS1 MITSUBISHI-RD02MUS1_11 Datasheet
443Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2 Datasheet
287Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_11 Datasheet
457Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_10 Datasheet
219Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2_11 Datasheet
458Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_10 Datasheet
219Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_11 Datasheet
453Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com