Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD1035CTL Datasheet(PDF) 6 Page - ON Semiconductor

Part # MBRD1035CTL
Description  SWITCHMODE Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD1035CTL Datasheet(HTML) 6 Page - ON Semiconductor

  MBRD1035CTL Datasheet HTML 1Page - ON Semiconductor MBRD1035CTL Datasheet HTML 2Page - ON Semiconductor MBRD1035CTL Datasheet HTML 3Page - ON Semiconductor MBRD1035CTL Datasheet HTML 4Page - ON Semiconductor MBRD1035CTL Datasheet HTML 5Page - ON Semiconductor MBRD1035CTL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MBRD1035CTL
http://onsemi.com
6
PACKAGE DIMENSIONS
DPAK (SINGLE GAUGE)
CASE 369C−01
ISSUE D
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN
DIMENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent
rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur.
Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury
or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an
Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MBRD1035CTLD
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MBRD1035CTL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
   SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
Diodes Incorporated
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
74Kb / 6P
   Switch-mode Schottky Power Rectifier
October, 2016 ??Rev. 11
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
231Kb / 7P
   Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
More results

Similar Description - MBRD1035CTL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
   SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
   SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
   SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
   SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
   SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF20100CT ONSEMI-MBRF20100CT Datasheet
79Kb / 4P
   SWITCHMODE Schottky Power Rectifier
June, 2007 - Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com