Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD06HHF1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RD06HHF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HHF1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RD06HHF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HHF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Silicon RF Power Semiconductors
RD06HHF1
RoHS Compliance,
Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1
6 Jul 2010
6/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
INPUT/OUTPUT IMPEDANCE VS.FREQUENCY CHARACTERISTICS
Zin , Zout
f
Zin
Zout
(MHz)
(ohm)
(ohm)
Conditions
30
65.06-j150.9
8.75-j4.92
Po=10W,
Vdd=12.5V,Pin=0.15W
f=30MHz Zout
f=30MHz Zin
Zo=50Ω


Similar Part No. - RD06HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
More results

Similar Description - RD06HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD100HHF1 MITSUBISHI-RD100HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com