Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD06HVF1 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RD06HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HVF1 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RD06HVF1_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HVF1_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon RF Power Semiconductors
RD06HVF1
RoHS Compliance,
Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1
6 Jul 2010
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
RD06HVF1 is a MOS FET type transistor specifically
designed for VHF RF power amplifiers applications.
FEATURES
High power gain:
Pout>6W, Gp>13dB @Vdd=12.5V,f=175MHz
APPLICATION
For output stage of high power amplifiers in
VHF band mobile radio sets.
RoHS COMPLIANT
RD06HVF1-101 is a RoHS compliant products.
RoHS compliance is indicate by the letter “G” after the lot
marking.
This product include the lead in high melting temperature type solders.
How ever,it applicable to the following exceptions of RoHS Directions.
1.Lead in high melting temperature type solders(i.e.tin-lead solder alloys containing more than85% lead.)
OUTLINE DRAWING
note:
Torelance of no designation means typical value.
Dimension in mm.
0.5+0.10/-0.15
PINS
1:GATE
2:SOURCE
3:DRAIN
1.3+/-0.4
2.5
9.5MAX
5deg
2.5
3.6+/-0.2
0.8+0.10/-0.15
1.2+/-0.4
2
9.1+/-0.7
1
3
2


Similar Part No. - RD06HVF1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1-101 MITSUBISHI-RD06HVF1-101 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
More results

Similar Description - RD06HVF1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com