Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS340T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS340T3G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS340T3G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS340T3G Datasheet HTML 1Page - ON Semiconductor MBRS340T3G Datasheet HTML 2Page - ON Semiconductor MBRS340T3G Datasheet HTML 3Page - ON Semiconductor MBRS340T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS320T3, MBRS330T3, MBRS340T3
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MBRS320T3
MBRS330T3
MBRS340T3
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Average Rectified Forward Current
IF(AV)
3.0 @ TL = 110°C
4.0 @ TL = 105°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave,
single phase, 60 Hz)
IFSM
80
A
Operating Junction Temperature
TJ
− 65 to +150
°C
ISO 7637 Pulse #1
(100 V, 10W)
5000
Pulses
ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
>400
>8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance, Junction−to−Lead
RqJL
11
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 3.0 A, TJ = 25°C)
VF
0.50
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 100°C)
iR
2.0
20
mA
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
TYPICAL ELECTRICAL CHARACTERISTICS
10
0.1
0.2
0.0
0.4
0.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
1
0.8
TJ = 25°C
TJ = 125°C
TJ = 100°C
TJ = −65°C
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (V)
1.0
0.3
0.1
0.5
0.7
0.9
10
0.1
0.2
0.0
0.4
0.6
1
0.8
TJ = 25°C
TJ = 125°C
TJ = 100°C
TJ = −65°C
0.3
0.1
0.5
0.7
0.9 1.0


Similar Part No. - MBRS340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS340T3G ONSEMI-MBRS340T3G Datasheet
106Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2013 ??Rev. 11
More results

Similar Description - MBRS340T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com