Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 1 Page - Sharp Corporation

Part # 6N137
Description  Super High Speed Response OPIC Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

6N137 Datasheet(HTML) 1 Page - Sharp Corporation

  6N137 Datasheet HTML 1Page - Sharp Corporation 6N137 Datasheet HTML 2Page - Sharp Corporation 6N137 Datasheet HTML 3Page - Sharp Corporation 6N137 Datasheet HTML 4Page - Sharp Corporation 6N137 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6N137
s Features
s Applications
s Outline Dimensions
(Ta = 25˚C)
6N137
2. Isolation voltage between input and output
5. LSTTL and TTL compatible output
4. Instantaneous common mode rejection
voltage
1. High speed interfaces for computer
peripherals, microcomputer systems
2. High speed line receivers
3. Noise reduction
s Absolute Maximum Ratings
*3 For 1 minute MAX.
*4 Not exceed 500mV or more than
*5 AC for 1 minute, 40 to 60% RH
Apply the specific voltage between all the input
electrode pins connected together and all the
output electrode pins connected together.
*6 2mm or more away from the lead base for 10
seconds
θ
θ
6N137
14
23
6
75
8
Internal connection
diagram
1.2
1 NC
2 Anode
3 Cathode
4 NC
8 V
7 V
6 V
5 GND
O
E
CC
( tPHL , t PLH : TYP. 45ns at R L = 350
Ω )
V
3. Low input current drive ( IFHL
14
23
6
75
8
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
CM H
OPIC Photocoupler
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
Super High Speed Response
1. Super high speed response
iso
: MAX. 5mA )
: TYP. 500V /
s
4. Interfaces for data transmission equipment
*1 Ta = 0 to 70 ˚C
*2 Pulse width <= 1ms
supply voltage ( VCC )
Parameter
Input
Reverse voltage
Output
Supply voltage
Enable voltage
High level output voltage
Low level output current
Output collector
power dissipation
Operating temperature
Storage temperature
*1
Forward current
*2
Peak forward current
*6
Soldering temperature
*5
Isolation voltage
Rating
Unit
20
mA
40
mA
5V
7V
5.5
V
7V
50
mA
85
mW
0 to + 70
˚C
- 55 to + 125
˚C
260
˚C
Symbol
I F
I FM
V R
V CC
CE
V OIL
IOL
P C
V iso
T opr
T stg
T sol
( Unit : mm)
2 500
Primary side mark ( Sunken place )
: 2 500Vrms
V rms
0.85 ± 0.3
0.8 ± 0.2
1.2 ± 0.3
7.62 ± 0.3
0.26 ± 0.1
2.54± 0.25
0.5 ± 0.1
9.22 ± 0.5
θ = 0 to 13 ˚
6. Recognized by UL , file No. E64380
µ


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910X SHARP-PC910X Datasheet
66Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
Sharp Corporation
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
   Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
   Ultra-high Speed Response and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com