Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ11030 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ11030
Description  High-Current Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11030 Datasheet(HTML) 3 Page - ON Semiconductor

  MJ11030 Datasheet HTML 1Page - ON Semiconductor MJ11030 Datasheet HTML 2Page - ON Semiconductor MJ11030 Datasheet HTML 3Page - ON Semiconductor MJ11030 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11028, MJ11030, MJ11032 (NPN)
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
MJ11028
TO−204
100 Units / Tray
MJ11028G
TO−204
(Pb−Free)
MJ11029
TO−204
MJ11029G
TO−204
(Pb−Free)
MJ11030
TO−204
MJ11030G
TO−204
(Pb−Free)
MJ11032
TO−204
MJ11032G
TO−204
(Pb−Free)
MJ11033
TO−204
MJ11033G
TO−204
(Pb−Free)
100
0.2
Figure 2. DC Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.1
0.5
1
2
5
10
20
50
200
20
10
5
50
2
1
0.5
0.2
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
SECOND BREAKDOWN LIMITED
MJ11028, 29
MJ11032, 33
100
There are two limitations on the power−handling ability
of a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. At high case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.
IC, COLLECTOR CURRENT (AMP)
100 k
IC, COLLECTOR CURRENT (AMP)
50 k
20 k
10 k
5 k
2 k
500
Figure 3. DC Current Gain
1
2
5
10
100
20
50
Figure 4. “On” Voltage
100
VCE = 5 V
TJ = 25°C
1 k
200
MJ11029, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
5
4
3
2
1
1
2
5
10
100
20
50
0
3
TJ = 25°C
IC/IB = 100
VBE(sat)
80
ms
(PULSED)
MJ11029, MJ11033 PNP
MJ11028, MJ11030, MJ11032 NPN
80
ms
(PULSED)
VCE(sat)


Similar Part No. - MJ11030

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11030 MOSPEC-MJ11030 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11030 MOTOROLA-MJ11030 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11030 ONSEMI-MJ11030 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Seme LAB
MJ11030 SEME-LAB-MJ11030 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11030 ONSEMI-MJ11030 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results

Similar Description - MJ11030

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
   High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
2N5684G ONSEMI-2N5684G Datasheet
119Kb / 5P
   High-Current Complementary Silicon Power Transistors
October, 2007 - Rev. 12
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com