Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ14001 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ14001
Description  High?묬urrent Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ14001 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ14001 Datasheet HTML 1Page - ON Semiconductor MJ14001 Datasheet HTML 2Page - ON Semiconductor MJ14001 Datasheet HTML 3Page - ON Semiconductor MJ14001 Datasheet HTML 4Page - ON Semiconductor MJ14001 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJ14001 (PNP), MJ14002* (NPN), MJ14003* (PNP)
http://onsemi.com
4
Figure 9. Turn−On Switching Times
Figure 10. Turn−Off Switching Times
Figure 11. Capacitance Variation
Figure 12. Switching Test Circuit
4.0
IC, COLLECTOR CURRENT (AMPS)
0.04
2.0
1.0
0.3
tr
3.0
0.7
0.1
0.07
5000
3000
10000
2.0
3.0
7.0
100
20
1.0
2000
1000
700
500
300
200
100
5.0
10
50
VR, REVERSE VOLTAGE (VOLTS)
t, TIME (ms)
1.0
0.01
0.02
0.1
2.0
10
100
RqJC(t) = r(t) RqJC
RqJC = 0.584°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.5
0.2
0.07
DUTY CYCLE, D = t1/t2
Figure 13. Thermal Response
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
IC, COLLECTOR CURRENT (AMPS)
1.0
2.0
3.0
7.0
5.0
0.5
0.3
1.0
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.7
0.7
10
20
30
70
50
1.0
2.0
3.0
7.0
5.0
0.7
10
20
30
70
50
0.2
0.5
Cob
7000
30
70
0.02
0.03
0.05
0.7
0.3
0.03
0.05 0.07
1.0
5.0
3.0
2000
200 300 500 700
20 30
50 70
7.0
0.2
0.1
0.5
0.3
0.7
0.05
0.2
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
MJ14002 (NPN)
MJ14001, MJ14003 (PNP)
td
ts
tf
TJ = 25°C
Cib
Cib
Cob
+2.0 V
0
tr
20 ns
−12 V
10 to 100 ms
DUTY CYCLE ≈ 2.0%
VCC −30 V
TO SCOPE
tr ≤ 20 ns
RL
RB
VCC −30 V
RL
RB
TO SCOPE
tr ≤ 20 ns
VBB
+7.0 V
+10
V
0
−12 V
10 to 100 ms
tr ≤ 20 ns
DUTY CYCLE ≈ 2.0%
FOR CURVES OF FIGURES 3 & 6, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN CIRCUITS, REVERSE ALL POLARITIES.
0.1
0.02
0.01


Similar Part No. - MJ14001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
MJ14001 ONSEMI-MJ14001 Datasheet
241Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSITORS
1995 REV 2
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
More results

Similar Description - MJ14001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5684 ONSEMI-2N5684_06 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
MJ11028 ONSEMI-MJ11028_05 Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
logo
STMicroelectronics
TIP35CW STMICROELECTRONICS-TIP35CW Datasheet
104Kb / 7P
   Complementary Silicon High Power Transistors
TIP36C STMICROELECTRONICS-TIP36C_03 Datasheet
46Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3055A BOCA-2N3055A Datasheet
200Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
2N5883 BOCA-2N5883 Datasheet
190Kb / 4P
   COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS
logo
STMicroelectronics
2N5884 STMICROELECTRONICS-2N5884 Datasheet
68Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
June 1997
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com